Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 3Page - Renesas Technology Corp DA9062 Datasheet HTML 4Page - Renesas Technology Corp DA9062 Datasheet HTML 5Page - Renesas Technology Corp DA9062 Datasheet HTML 6Page - Renesas Technology Corp DA9062 Datasheet HTML 7Page - Renesas Technology Corp DA9062 Datasheet HTML 8Page - Renesas Technology Corp DA9062 Datasheet HTML 9Page - Renesas Technology Corp DA9062 Datasheet HTML 10Page - Renesas Technology Corp DA9062 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
7 of 99
© 2022 Renesas Electronics
Pin
No.
Pin Name
Type
Table 2
Description
34
VLX_BUCK2_A
AO
Switching node of Buck2
35
VLX_BUCK2_B
AO
Switching node of Buck2
36
TP
DIO
Test pin
37
nIRQ
DO
Interrupt signal to host processor
38
nRESET
DO
Reset output
39
VDDCORE
AO
Internal supply
40
VSYS
PS
System supply, LDO1 supply
Table 2: Pin Type Definition
Pin Type
Description
Pin Type
Description
DI
Digital Input
AI
Analog Input
DO
Digital Output
AO
Analog Output
DIO
Digital Input/Output
AIO
Analog Input/Output
PS
Power Supply
GND
Ground connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com