Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 33Page - Renesas Technology Corp DA9062 Datasheet HTML 34Page - Renesas Technology Corp DA9062 Datasheet HTML 35Page - Renesas Technology Corp DA9062 Datasheet HTML 36Page - Renesas Technology Corp DA9062 Datasheet HTML 37Page - Renesas Technology Corp DA9062 Datasheet HTML 38Page - Renesas Technology Corp DA9062 Datasheet HTML 39Page - Renesas Technology Corp DA9062 Datasheet HTML 40Page - Renesas Technology Corp DA9062 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
37 of 99
© 2022 Renesas Electronics
8.2.1
Register Map Paging
The 2-wire interface has direct access to two pages of the DA9062 register map (up to 256
addresses). The register at address zero on each page is used as a page control register (the LSB of
control PAGE is ignored). Writing to the page control register changes the active page for all
subsequent read/write operations unless an automatic return to page 0 is selected using register
REVERT. Unless REVERT was asserted after modifying the active page, it is recommended to read
back the page control register to ensure that future data exchange is accessing the intended
registers.
DA9062 also offers an alternative way to access register pages which avoids writing explicitly to
PAGE. DA9062 responds to multiple consecutive slave addresses and updates PAGE automatically
based on the slave address. For example, when IF_BASE_ADDR[7:4] = 0xB the slave address
changes PAGE as follows:
Slave address = 0xB0  PAGE = 0x00
Slave address = 0xB2  PAGE = 0x02
8.2.2
Details of the 2-Wire Protocol
All data is transmitted across the 2-wire bus in 8-bit groups. To send a bit, the SDA line is driven at
the intended state while the SCL is low. Once the SDA has settled, the SCL line is brought high and
then low. This pulse on SCL stores the SDA bit in the receiver’s shift register.
A 2-byte serial protocol is used: one address byte and one data byte. Data and address transfer
transmits the MSB first for both read and write operations. All transmissions begin with the START
condition from the master during which the bus is in IDLE state (the bus is free). It is initiated by a
high-to-low transition on the SDA line while the SCL is in high state. A STOP condition is indicated by
a low-to-high transition on the SDA line while the SCL is in high state. The START and STOP
conditions are illustrated in Figure 12.
START
STOP
SDA
SCL
Transaction
Figure 12: Timing of the START and STOP Conditions
DA9062 monitors the 2-wire bus for a valid slave address whenever the interface is enabled. It
responds immediately when it receives its own slave address. This is acknowledged by pulling the
SDA line low during the following clock cycle (white blocks marked with A in the following figures).
The protocol for a register write from master to slave consists of a START condition, a slave address,
a read/write-bit, 8-bit address, 8-bit data, and a STOP condition. DA9062 responds to all bytes with
an ACK. A register write operation is illustrated in Figure 13.
SLAVEadr
W
REGadr
A
DATA
A
P
S = START condition
A = Acknowledge (low)
P = STOP condition
W = Write (low)
Master to Slave
Slave to Master
7-bits
1-bit
8-bits
8-bits
A
S
Figure 13: Byte Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com