Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 75Page - Renesas Technology Corp DA9062 Datasheet HTML 76Page - Renesas Technology Corp DA9062 Datasheet HTML 77Page - Renesas Technology Corp DA9062 Datasheet HTML 78Page - Renesas Technology Corp DA9062 Datasheet HTML 79Page - Renesas Technology Corp DA9062 Datasheet HTML 80Page - Renesas Technology Corp DA9062 Datasheet HTML 81Page - Renesas Technology Corp DA9062 Datasheet HTML 82Page - Renesas Technology Corp DA9062 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
79 of 99
© 2022 Renesas Electronics
Table 72: DVC_1 (0x032)
Field
Bit
Type
Description
VLDO4_SEL
7:7
R/W
Select VLDO4_A (0) / VLDO4_B (1).
VLDO3_SEL
6:6
R/W
Select VLDO3_A (0) / VLDO3_B (1).
VLDO2_SEL
5:5
R/W
Select VLDO2_A (0) / VLDO2_B (1).
VLDO1_SEL
4:4
R/W
Select VLDO1_A (0) / VLDO1_B (1).
VBUCK3_SEL
3:3
R/W
Select VBUCK3_A (0) / VBUCK3_B (1).
VBUCK4_SEL
2:2
R/W
Select VBUCK4_A (0) / VBUCK4_B (1).
VBUCK2_SEL
1:1
R/W
Select VBUCK2_A (0) / VBUCK2_B (1).
VBUCK1_SEL
0:0
R/W
Select VBUCK1_A (0) / VBUCK1_B (1).
A.1.8
RTC Calendar and Alarm
Table 73: COUNT_S (0x040)
Field
Bit
Type
Description
RTC_READ
7:7
R
Indicates that RTC calendar is ready to be read by the host.
Reserved
6:6
R
Reserved
COUNT_SEC
5:0
R/W
Calendar seconds
Bus write is snapshot and updated on a write to COUNT_YEAR.
Bus read loads RTC calendar into 0x104-0x109.
Table 74: COUNT_MI (0x041)
Field
Bit
Type
Description
Reserved
7:6
R
Reserved
COUNT_MIN
5:0
R/W
Calendar minutes 0-59
Bus write is snapshot and updated on a write to COUNT_YEAR.
Bus read is snapshot and updated on a read from COUNT_SEC.
Table 75: COUNT_H (0x042)
Field
Bit
Type
Description
Reserved
7:5
R
Reserved
COUNT_HOUR
4:0
R/W
Calendar hours 0-23
Bus write is snapshot and updated on a write to COUNT_YEAR.
Bus read is snapshot and updated on a read from COUNT_SEC.
Table 76: COUNT_D (0x043)
Field
Bit
Type
Description
Reserved
7:5
R
Reserved
COUNT_DAY
4:0
R/W
Calendar days 1-31
Bus write is snapshot and updated on a write to COUNT_YEAR.
Bus read is snapshot and updated on a read from COUNT_SEC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com