Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 91Page - Renesas Technology Corp DA9062 Datasheet HTML 92Page - Renesas Technology Corp DA9062 Datasheet HTML 93Page - Renesas Technology Corp DA9062 Datasheet HTML 94Page - Renesas Technology Corp DA9062 Datasheet HTML 95Page - Renesas Technology Corp DA9062 Datasheet HTML 96Page - Renesas Technology Corp DA9062 Datasheet HTML 97Page - Renesas Technology Corp DA9062 Datasheet HTML 98Page - Renesas Technology Corp DA9062 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
95 of 99
© 2022 Renesas Electronics
Table 142: CONFIG_M (0x112)
Field
Bit
Type
Description
OSC_FRQ
7:4
R/W
Adjust internal oscillator frequency:
1000: -10.67 %
…
1111: -1.33 %
0000: 0.00 %
0001: +1.33 %
…
0111: +9.33 %
WDG_MODE
3:3
R/W
Activate watchdog Halt operation mode.
Reserved
2:0
R/W
Reserved
A.3.2
Customer Device Specific
Table 143: GP_ID_0 (0x121)
Field
Bit
Type
Description
GP_0
7:0
R/W
General purpose register Note 1
Note 1
Initial value at start-up is the OTP ini file version number.
Table 144: GP_ID_1 (0x122)
Field
Bit
Type
Description
GP_1
7:0
R/W
General purpose register
Table 145: GP_ID_2 (0x123)
Field
Bit
Type
Description
GP_2
7:0
R/W
General purpose register
Table 146: GP_ID_3 (0x124)
Field
Bit
Type
Description
GP_3
7:0
R/W
General purpose register
Table 147: GP_ID_4 (0x125)
Field
Bit
Type
Description
GP_4
7:0
R/W
General purpose register
Table 148: GP_ID_5 (0x126)
Field
Bit
Type
Description
GP_5
7:0
R/W
General purpose register
Table 149: GP_ID_6 (0x127)
Field
Bit
Type
Description
GP_6
7:0
R/W
General purpose register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com