Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 29Page - Renesas Technology Corp DA9062 Datasheet HTML 30Page - Renesas Technology Corp DA9062 Datasheet HTML 31Page - Renesas Technology Corp DA9062 Datasheet HTML 32Page - Renesas Technology Corp DA9062 Datasheet HTML 33Page - Renesas Technology Corp DA9062 Datasheet HTML 34Page - Renesas Technology Corp DA9062 Datasheet HTML 35Page - Renesas Technology Corp DA9062 Datasheet HTML 36Page - Renesas Technology Corp DA9062 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
33 of 99
© 2022 Renesas Electronics
7
System Block Diagram
A block diagram for a typical application is illustrated in Figure 10.
DA9062
Buck2
Buck3
Buck1
Buck4
0.8 V to 3.3 V (2 A)
VDDQ 1.5 V (2.5 A)
VTT 0.75 V (±700 mA)
Application processor
Coin
cell
DDR3
memory
0.9 V to 3.6 V (100 mA)
BBAT
charger
RTC
0.9 V to 3.6 V (300 mA)
0.9 V to 3.6 V (300 mA)
0.9 V to 3.6 V (300 mA)
0.7 V to 1.57 V (2.5 A)
LDO1
VSYS
LDO2
VDD_LDO2
VDD_LDO34
LDOCORE
LDO4
LDO3
VDD_BUCK4
VDD_BUCK1
VDD_BUCK2
VDD_BUCK3
VDDQ(GPIO0)
Figure 10: DA9062 Typical System Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com