Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 60Page - Renesas Technology Corp DA9062 Datasheet HTML 61Page - Renesas Technology Corp DA9062 Datasheet HTML 62Page - Renesas Technology Corp DA9062 Datasheet HTML 63Page - Renesas Technology Corp DA9062 Datasheet HTML 64Page - Renesas Technology Corp DA9062 Datasheet HTML 65Page - Renesas Technology Corp DA9062 Datasheet HTML 66Page - Renesas Technology Corp DA9062 Datasheet HTML 67Page - Renesas Technology Corp DA9062 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
64 of 99
© 2022 Renesas Electronics
10.2.2
LDOs and Switched Mode Supplies
The placement of the distributed capacitors on the VSYS rail must ensure that all VDD inputs and
VSYS are connected to a bypass capacitor close to the pad. It is recommended placing at least two
1 µF capacitors close to the VDD_LDOx pads and at least one 10 µF close to the VDD_BUCKx pads.
Using a local power plane underneath the device for VSYS might be considered.
Transient current loops in the area of the switching converters should be minimized.
The common references (IREF, VREF) should be placed close to the device and cross-coupling to
any noisy digital or analog trace must be avoided.
Output capacitors of the LDOs can be placed close to the input pins of the supplied devices (remote
from the DA9062).
Care must be taken with trace routing to ensure that no current is carried on feedback lines of the
buck output voltages (VBUCK<x>).
The inductor placement is less critical since parasitic inductances have negligible effect.
10.2.3
32 kHz Crystal Oscillator
The crystal and its load capacitors should be placed as close as possible to the IC with short and
symmetrical traces.
The traces must be isolated from noisy signals, especially from clocked digital ones. Ideally the lines
should be buried between two ground layers, surrounded by additional ground traces.
10.2.4
Optimizing Thermal Performance
DA9062 features a ground paddle which should be connected with as many vias as possible to the
PCB’s main ground plane in order to achieve good thermal performance.
Solder mask openings for the landing pads must be arranged to prohibit solder flowing into vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com