Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9038 Datasheet (PDF) - Renesas Technology Corp

P9038 Datasheet PDF - Renesas Technology Corp
Part # P9038
Download  P9038 Download
File Size   412.17 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8W, Qi-compliant, Wireless Power Transmitter with Integrated Full Bridge Inverter

P9038 Datasheet (PDF)

Go To PDF Page Download Datasheet
P9038 Datasheet PDF - Renesas Technology Corp

Part # P9038
Download  P9038 Click to download

File Size   412.17 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8W, Qi-compliant, Wireless Power Transmitter with Integrated Full Bridge Inverter

P9038 Datasheet (HTML) - Renesas Technology Corp


P9038 Product details

Features
• 4.5V to 6.9V input operating voltage range, supporting:
• USB or AC adapter
• USB dedicated charger port (DCP) detection
• WPC-1.2.2 compliant for A5 or A11-type coils
• Integrated, high-efficiency power stage with low RDS(ON)
• Integrated foreign object detection & current sense
• Excellent EMI performance eliminates need for EMI filter
• Supports up to 8W power transfer to the receiver
• Demodulates and Decodes Communication Packets from
WPC-compliant Receivers
• I
2C Interface for EEPROM access
• Programmable input over-voltage protection
• Programmable soft start
• Current limit and over-temperature protection
• -40° to +85°C temperature range
• 7 x 7 mm 56-VFQFPN package

Description
The P9038 is a WPC-compliant Wireless Power Transmitter
for A5 and A11 designs operating from 5V supplies
conforming with WPC Specification 1.2.2. Operating in the
WPC-compliant mode, the integrated full-bridge inverter
supports 8W power transfer utilizing the P902x Receiver
family, and ensures efficient switching with EMI/RFI emissions
that are better than the requirements of the WPC
specification.
To safeguard the device and the system under fault
conditions, the P9038 offers resistor programmable Foreign
Object Detection, built-in Over-Current protection, and
programmable Over-Voltage / Over-Temperature protection.
This transmitter is extremely easy to use and provides a
complete WPC-compliant solution with minimum external
parts count, requiring significantly less board space and lower
total solution cost than competing products.
The P9038 is available in a compact 7 x 7 mm VFQFPN
package, and it is rated for -40° to +85°C temperature range.




Similar Part No. - P9038

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
P9038 IDT-P9038 Datasheet
378Kb / 18P
8W, Qi-compliant, Wireless Power Transmitter
P9038-RNDGI IDT-P9038-RNDGI Datasheet
378Kb / 18P
8W, Qi-compliant, Wireless Power Transmitter
P9038-RNDGI8 IDT-P9038-RNDGI8 Datasheet
378Kb / 18P
8W, Qi-compliant, Wireless Power Transmitter
More results


Similar Description - P9038

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500210 TI1-BQ500210 Datasheet
608Kb / 23P
Qi Compliant Wireless Power Transmitter Manager
BQ500110 TI-BQ500110_11 Datasheet
642Kb / 25P
Qi Compliant Wireless Power Transmitter Manager
BQ500210_1108 TI-BQ500210_1108 Datasheet
783Kb / 25P
Qi Compliant Wireless Power Transmitter Manager
BQ500211 TI1-BQ500211 Datasheet
778Kb / 26P
5-V, Qi Compliant Wireless Power Transmitter Manager
BQ500410A TI1-BQ500410A Datasheet
1Mb / 30P
Free Positioning, Qi Compliant Wireless Power Transmitter Manager
logo
Toshiba Semiconductor
TB6865AFG TOSHIBA-TB6865AFG Datasheet
1Mb / 32P
Qi compliant wireless power transmitter IC
logo
Texas Instruments
BQ500414Q TI1-BQ500414Q Datasheet
1Mb / 34P
Qi Compliant Wireless Power Transmitter Manager
logo
Integrated Device Techn...
P9038 IDT-P9038 Datasheet
378Kb / 18P
8W, Qi-compliant, Wireless Power Transmitter
logo
Generalplus Technology ...
GPMQ8018A GENERALPLUS-GPMQ8018A Datasheet
1Mb / 32P
QI Compliant Wireless Power Transmitter Series
logo
STMicroelectronics
STWBC86 STMICROELECTRONICS-STWBC86 Datasheet
1Mb / 40P
Qi compatible wireless power transmitter for 5W applications with integrated full bridge
20-Sep-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com