Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBC86 Datasheet (PDF) - STMicroelectronics

STWBC86 Datasheet PDF - STMicroelectronics
Part # STWBC86
Download  STWBC86 Download
File Size   1922.38 Kbytes
Page   40 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Qi compatible wireless power transmitter for 5W applications with integrated full bridge

STWBC86 Datasheet (PDF)

Go To PDF Page Download Datasheet
STWBC86 Datasheet PDF - STMicroelectronics

Part # STWBC86
Download  STWBC86 Click to download

File Size   1922.38 Kbytes
Page   40 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Qi compatible wireless power transmitter for 5W applications with integrated full bridge

STWBC86 Datasheet (HTML) - STMicroelectronics


STWBC86 Product details

Features
• WPC Qi 1.2.4 compatible Power Class 0 BPP
• Power Tx reference design based on A11a topology
• Up to 5W output power transfer on the receiver side
• Wide input voltage range 4.75V to 20V
• Monolithic solution with integrated Half-bridge/Full-bridge inverter and drivers for
high efficiency and low BOM
• 32-bit, 64MHz ARM Cortex micro controller with 8KB SRAM
• FTP (Few Times Programmable) for Firmware patching and advanced features
• On-chip current sense
• 10-bit A/D converter
• I2C interface
• Fully Configurable GPIOs
• Accurate voltage/current measurements for FOD
• Current limit and Thermal protection
• Robust ASK,FSK communication
• Flip chip 72 bumps (3.26mm x 3.67mm)
Application
• Smartphone charging
• Medical electronics
• Smart Wearable, Hearable Charging
Description
The STWBC86 is a highly integrated monolithic wireless power transmitter solution
suitable for applications up to 5W.
This solution requires low external BOM count. Because of the integrated low
impedance Full/Half bridge inverter, STWBC86 achieves high efficiency and low
power dissipation.
I2C interface allows firmware and platform parameters to be customized and the
device can be configured using the embedded FTP.
Additional firmware patching also improves application flexibility of STWBC86.
The Flip Chip package and low BOM count make the device suitable for very
compact applications.




Similar Part No. - STWBC86

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWBC86 STMICROELECTRONICS-STWBC86 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results


Similar Description - STWBC86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500110 TI-BQ500110_11 Datasheet
642Kb / 25P
Qi Compliant Wireless Power Transmitter Manager
BQ500414Q TI1-BQ500414Q Datasheet
1Mb / 34P
Qi Compliant Wireless Power Transmitter Manager
logo
Integrated Device Techn...
P9025AC IDT-P9025AC Datasheet
419Kb / 20P
5W, Qi Wireless Power Receiver
P9038 IDT-P9038 Datasheet
378Kb / 18P
8W, Qi-compliant, Wireless Power Transmitter
logo
Generalplus Technology ...
GPMQ8018A GENERALPLUS-GPMQ8018A Datasheet
1Mb / 32P
QI Compliant Wireless Power Transmitter Series
logo
STMicroelectronics
STWLC68 STMICROELECTRONICS-STWLC68 Datasheet
1Mb / 32P
Qi-compliant inductive wireless power receiver for 5W applications
Rev 3
logo
Kinetic Technologies.
KTE7000 KINETIC-KTE7000 Datasheet
207Kb / 2P
5W Wireless Power Receiver for WPC/Qi BPP
March 2022 - Revision 04d
logo
Renesas Technology Corp
P9025AC RENESAS-P9025AC Datasheet
814Kb / 21P
5W, Qi Wireless Power Receiver with Integrated Rectifier and LDO Output
09/01/15
P9038 RENESAS-P9038 Datasheet
412Kb / 17P
8W, Qi-compliant, Wireless Power Transmitter with Integrated Full Bridge Inverter
July 26, 2018
P9235A-RB RENESAS-P9235A-RB Datasheet
537Kb / 22P
Wireless Power Transmitter for up to 5W Applications
November 9, 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com