Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBC86 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STWBC86
Description  Qi compatible wireless power transmitter for 5W applications with integrated full bridge
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC86 Datasheet(HTML) 1 Page - STMicroelectronics

  STWBC86 Datasheet HTML 1Page - STMicroelectronics STWBC86 Datasheet HTML 2Page - STMicroelectronics STWBC86 Datasheet HTML 3Page - STMicroelectronics STWBC86 Datasheet HTML 4Page - STMicroelectronics STWBC86 Datasheet HTML 5Page - STMicroelectronics STWBC86 Datasheet HTML 6Page - STMicroelectronics STWBC86 Datasheet HTML 7Page - STMicroelectronics STWBC86 Datasheet HTML 8Page - STMicroelectronics STWBC86 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Features
WPC Qi 1.2.4 compatible Power Class 0 BPP
Power Tx reference design based on A11a topology
Up to 5W output power transfer on the receiver side
Wide input voltage range 4.75V to 20V
Monolithic solution with integrated Half-bridge/Full-bridge inverter and drivers for
high efficiency and low BOM
32-bit, 64MHz ARM Cortex micro controller with 8KB SRAM
FTP (Few Times Programmable) for Firmware patching and advanced features
On-chip current sense
10-bit A/D converter
I2C interface
Fully Configurable GPIOs
Accurate voltage/current measurements for FOD
Current limit and Thermal protection
Robust ASK,FSK communication
Flip chip 72 bumps (3.26mm x 3.67mm)
Application
Smartphone charging
Medical electronics
Smart Wearable, Hearable Charging
Description
The STWBC86 is a highly integrated monolithic wireless power transmitter solution
suitable for applications up to 5W.
This solution requires low external BOM count. Because of the integrated low
impedance Full/Half bridge inverter, STWBC86 achieves high efficiency and low
power dissipation.
I2C interface allows firmware and platform parameters to be customized and the
device can be configured using the embedded FTP.
Additional firmware patching also improves application flexibility of STWBC86.
The Flip Chip package and low BOM count make the device suitable for very
compact applications.
Product status link
STWBC86
Product summary
Order code
STWBC86JR
Package
WLCSP72
Packing
Tape and reel
Qi compatible wireless power transmitter for 5W applications with integrated full
bridge
STWBC86
Datasheet
DS14079 - Rev 1 - September 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STWBC86

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWBC86 STMICROELECTRONICS-STWBC86 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results

Similar Description - STWBC86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500110 TI-BQ500110_11 Datasheet
642Kb / 25P
Qi Compliant Wireless Power Transmitter Manager
BQ500414Q TI1-BQ500414Q Datasheet
1Mb / 34P
Qi Compliant Wireless Power Transmitter Manager
logo
Integrated Device Techn...
P9025AC IDT-P9025AC Datasheet
419Kb / 20P
5W, Qi Wireless Power Receiver
P9038 IDT-P9038 Datasheet
378Kb / 18P
8W, Qi-compliant, Wireless Power Transmitter
logo
Generalplus Technology ...
GPMQ8018A GENERALPLUS-GPMQ8018A Datasheet
1Mb / 32P
QI Compliant Wireless Power Transmitter Series
logo
STMicroelectronics
STWLC68 STMICROELECTRONICS-STWLC68 Datasheet
1Mb / 32P
Qi-compliant inductive wireless power receiver for 5W applications
Rev 3
logo
Kinetic Technologies.
KTE7000 KINETIC-KTE7000 Datasheet
207Kb / 2P
5W Wireless Power Receiver for WPC/Qi BPP
March 2022 - Revision 04d
logo
Renesas Technology Corp
P9025AC RENESAS-P9025AC Datasheet
814Kb / 21P
5W, Qi Wireless Power Receiver with Integrated Rectifier and LDO Output
09/01/15
P9038 RENESAS-P9038 Datasheet
412Kb / 17P
8W, Qi-compliant, Wireless Power Transmitter with Integrated Full Bridge Inverter
July 26, 2018
P9235A-RB RENESAS-P9235A-RB Datasheet
537Kb / 22P
Wireless Power Transmitter for up to 5W Applications
November 9, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com