Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBC86 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STWBC86
Description  Qi compatible wireless power transmitter for 5W applications with integrated full bridge
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC86 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STWBC86 Datasheet HTML 20Page - STMicroelectronics STWBC86 Datasheet HTML 21Page - STMicroelectronics STWBC86 Datasheet HTML 22Page - STMicroelectronics STWBC86 Datasheet HTML 23Page - STMicroelectronics STWBC86 Datasheet HTML 24Page - STMicroelectronics STWBC86 Datasheet HTML 25Page - STMicroelectronics STWBC86 Datasheet HTML 26Page - STMicroelectronics STWBC86 Datasheet HTML 27Page - STMicroelectronics STWBC86 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
Address
Register name
R/W
Default
Description
0x00CC
TX interrupt status Byte 0
Over current protection status
R
-
Bit 2: TX OVP STAT
Over voltage protection status
R
-
Bit 3:TX SYS ERR STAT
System error status
R
-
Bit4: TX RP PKT RCVD STAT
RP packet received interrupt status
R
-
Bit5: TX CE PKT RCVD STAT
CE packet received interrupt status
R
-
Bit6: TX SSTATD PKT SUC STAT
Packet sent interrupt status
R
-
Bit7:TX EXT MON STAT
Ext TX Detect interrupt status
0x00CD
TX interrupt status Byte 1
R
-
Bit0: TX CEP TO STAT CEP
Timeout interrupt status
R
-
Bit1:TX RPP TO STAT RPP
Timeout interrupt status
R
-
Bit2: TX EPT STAT
AC powered down interrupt status
R
-
Bit3: TX START PING STAT
Ping started interrupt status
R
-
Bit4:TX SS PKT RCVD STAT
SS ID packet received interrupt status
R
-
Bit5:TX ID PKT RCVD STAT
ID packet received interrupt status
R
-
Bit6:TX CFG PKT RCVD STAT
Configuration packet received interrupt status
R
-
Bit7: TX PP PKT RCVD STAT
PP packet received interrupt status
0x00CE
TX interrupt status Byte 2
R
-
Bit0: TX BRIDGE MD STAT
Bridge mode (half/full) changed interrupt status
R
-
Bit1:TX FOD DET STAT
TX FOD detect interrupt status
R
-
Bit2: TX PTC UPDATE STAT
The power transfer contract is successfully updated after
negotiation/renegotiation
R
-
Bit 3: TX DTS SUCC STAT DTS
Send data stream successfully status
R
-
Bit 4: TX DTS SEND END TO STAT
DTS stopped sending due to time out status
R
-
Bit 5: TX DTS SEND END RST STAT
DTS stopped sending due to reset status
STWBC86
I2C register
map
DS14079 - Rev 1
page 24/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com