Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBC86 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STWBC86
Description  Qi compatible wireless power transmitter for 5W applications with integrated full bridge
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC86 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STWBC86 Datasheet HTML 23Page - STMicroelectronics STWBC86 Datasheet HTML 24Page - STMicroelectronics STWBC86 Datasheet HTML 25Page - STMicroelectronics STWBC86 Datasheet HTML 26Page - STMicroelectronics STWBC86 Datasheet HTML 27Page - STMicroelectronics STWBC86 Datasheet HTML 28Page - STMicroelectronics STWBC86 Datasheet HTML 29Page - STMicroelectronics STWBC86 Datasheet HTML 30Page - STMicroelectronics STWBC86 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
Address
Register name
R/W
Default
Description
0x00E7
TX EPT reason Byte 1
Error in configuration packet
R
-
Bit 6: TX CFG CNT
Number optional packets received doesn't match with
number in configuration packet
R
-
Bit 7: TX PCH ERR
Power control hold-off packet error
0x00E8
TX EPT reason Byte 2
R
-
Bit 0: TX XID ERR
Extended identification packet error
R
-
Bit 0 : TX NEG ERR
Negotiation error
R
-
Bit1: TX NEGO TO
Negotiation Time out
Bits[2..7] Reserved
Table 18. TX protections
Address
Register name
R/W
Default
Description
0x00DD
TX OVP THRES
RW
0x28 (20V)
Bit [7…0] Specify TX OVP threshold in 500mV units.
0x00DE
TX OCP THRES
RW
0x14 (2A)
Bit [7…0] Specify TX OCP current in 100mA units.0 -
Disable1 - 100mA…
0x00DF
TX OVTP THRES
RW
0x64(100°C)
Bit [7 …0] Over temperature protection threshold in °C. If
transmitter die temperature rises above this value, then OTP
triggered.
STWBC86
I2C register
map
DS14079 - Rev 1
page 27/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com