Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBC86 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STWBC86
Description  Qi compatible wireless power transmitter for 5W applications with integrated full bridge
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC86 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STWBC86 Datasheet HTML 9Page - STMicroelectronics STWBC86 Datasheet HTML 10Page - STMicroelectronics STWBC86 Datasheet HTML 11Page - STMicroelectronics STWBC86 Datasheet HTML 12Page - STMicroelectronics STWBC86 Datasheet HTML 13Page - STMicroelectronics STWBC86 Datasheet HTML 14Page - STMicroelectronics STWBC86 Datasheet HTML 15Page - STMicroelectronics STWBC86 Datasheet HTML 16Page - STMicroelectronics STWBC86 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Writing to a single register
Writing to a single register begins with a START condition followed by device address 0xC2 (7-bit device address
plus R/W bit cleared), two bytes of the register pointer and the data byte to be written in the destination register.
Each transmitted byte is acknowledged by the STWBC86 through an ACK pulse.
Figure 7. Writing to single register byte
Writing to multiple registers (page write)
The STWBC86 supports writing to multiple registers with auto-incremental addressing. When data is written into
a register, the register pointer is automatically incremented, therefore transferring data to a set of subsequent
registers (also know as page write) is a straightforward operation.
Figure 8. Writing multiple register bytes
Reading from a single register
Reading from a single register begins with a START condition followed by the device address byte 0xC2 (7-bit
device address plus R/W bit cleared) and two bytes of register pointer, then a re-START condition is generated
and the device address 0xC3 (7-bit device address plus R/W bit asserted) is sent, followed by data reading. ACK
pulse is generated by the STWBC86 at the end of each byte, but not for data bytes retrieved from the register. A
STOP condition is finally generated to terminate the operation.
Figure 9. Reading single register byte
STWBC86
I2C interface
DS14079 - Rev 1
page 13/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com