Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBC86 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STWBC86
Description  Qi compatible wireless power transmitter for 5W applications with integrated full bridge
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC86 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STWBC86 Datasheet HTML 6Page - STMicroelectronics STWBC86 Datasheet HTML 7Page - STMicroelectronics STWBC86 Datasheet HTML 8Page - STMicroelectronics STWBC86 Datasheet HTML 9Page - STMicroelectronics STWBC86 Datasheet HTML 10Page - STMicroelectronics STWBC86 Datasheet HTML 11Page - STMicroelectronics STWBC86 Datasheet HTML 12Page - STMicroelectronics STWBC86 Datasheet HTML 13Page - STMicroelectronics STWBC86 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Figure 4. Full bridge inverter
Typical Operating Frequency range of the full-bridge inverter is op = 120 … 148 kHz , duty cycle range 10% to
50%.
Primary Coil and Shielding has a self-inductance P = 6.3±10% μH.
The value of the series capacitance is P =0.4±5% μF.
The input voltage to the full-bridge inverter is 5±5% V.
5.3
ASK communication
Robust and reliable in-band ASK communication is critical to the operation of any Qi compliant devices.
Using ASK modulation, the receiver sends Control Error Packets (CEP) to tune the operating point to match load
requirements.
The coil signal is demodulated using a circuit shown below and fed to the VS pin of STWBC86.
Figure 5. ASK demodulation filter circuit
10K
D
5.1K
220K
4.7nF
AC1
VS
22nF
680pF
STWBC86
ASK communication
DS14079 - Rev 1
page 10/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com