Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBC86 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STWBC86
Description  Qi compatible wireless power transmitter for 5W applications with integrated full bridge
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC86 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STWBC86 Datasheet HTML 2Page - STMicroelectronics STWBC86 Datasheet HTML 3Page - STMicroelectronics STWBC86 Datasheet HTML 4Page - STMicroelectronics STWBC86 Datasheet HTML 5Page - STMicroelectronics STWBC86 Datasheet HTML 6Page - STMicroelectronics STWBC86 Datasheet HTML 7Page - STMicroelectronics STWBC86 Datasheet HTML 8Page - STMicroelectronics STWBC86 Datasheet HTML 9Page - STMicroelectronics STWBC86 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
4
Electrical and thermal specifications
4.1
Absolute maximum ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings
only and operation of the device at these or any other condition above those indicated in Table 2 is not implied.
Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
Table 2. Absolute maximum ratings
Parameter
Pin(s)
Min.
Max.
Unit
Pin voltage range
AC1, AC2 respect to ground (VSSA, VSSD and VSSP
pins)
-0.9
27
V
BOOT1 to AC1
-0.3
5.5
BOOT2 to AC2
BOOT1 and BOOT2 respect to ground (VSSA, VSSD
and VSSP pins)
-0.3
27
VINV, VIN respect to ground (VSSA, VSSD and VSSP
pins)
-0.7
27
V1V8, NTC, VS and ADC respect to ground (VSSA,
VSSD and VSSP pins)
-0.3
1.98
V5V0 respect to ground (VSSA, VSSD and VSSP pins)
-0.7
5.5
GPIO0 through GPIO5,GPIO7, INTB, RSTB, SDA,
SCL respect to ground (VSSA, VSSD and VSSP pins)
-0.7
5.5
Relative voltage between any ground pin (VSSA,
VSSD, VSSP)
-0.3
0.3
RMS Current
AC1,AC2,VINV
2.0
A
HBM ESD susceptibility
JEDEC JS001-2012
All pins
2000
V
CDM ESD susceptibility
JEDEC JS002-2012
500
Latch-Up EIA/JESD78E
-200
200
mA
4.2
Thermal characteristics
Table 3. Thermal characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
TA,OP(1)
Operating ambient temperature
-40
85
°C
TJ,OP
Operating junction temperature
0
125
RϴJA(2)
Junction to ambient thermal resistance
2s2p
47
°C/W
1. Ta -40°C to 85°C , limits over the operating temperature range and relevant supply voltage range are guaranteed by design
and characterization,if not otherwise specified.
2. Device mounted on a standard JESD51-5 test board
STWBC86
Electrical and thermal specifications
DS14079 - Rev 1
page 6/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com