Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBC86 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STWBC86
Description  Qi compatible wireless power transmitter for 5W applications with integrated full bridge
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC86 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STWBC86 Datasheet HTML 8Page - STMicroelectronics STWBC86 Datasheet HTML 9Page - STMicroelectronics STWBC86 Datasheet HTML 10Page - STMicroelectronics STWBC86 Datasheet HTML 11Page - STMicroelectronics STWBC86 Datasheet HTML 12Page - STMicroelectronics STWBC86 Datasheet HTML 13Page - STMicroelectronics STWBC86 Datasheet HTML 14Page - STMicroelectronics STWBC86 Datasheet HTML 15Page - STMicroelectronics STWBC86 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
6
I2C interface
The STWBC86 can operate fully independently, i.e. without being interfaced with a host system.
In applications in which the STWBC86 has to be a part of peripherals managed by the host system, the two SDA
and SCL pins could be connected to the existing I²C bus.
The device works as an I²C slave and supports standard (100 kbps) fast (400 kbps) data transfer modes.
The STWBC86 has been assigned 0x61, a 7-bit hardware address. The pull-up resistors should be selected as
a trade-off between communication speed (lower resistors lead to faster edges) and data integrity (the input logic
levels have to be guaranteed to preserve communication reliability).
When the bus is idle, both SDA and SCL lines are pulled HIGH.
Data Validity
The data on the SDA line must be stable during the high period of the clock. The high and low states of the SDA
line can only change when the SCL clock signal is low.
Start and Stop Conditions
Both the SDA and the SCL lines remain high when the I2C bus is not busy. A START condition is a high-to-low
transition of the SDA line when SCL is HIGH, while the STOP condition is a low-to-high transition of the SDA line
when SCL is HIGH. A STOP condition must be sent before each START condition.
Figure 6. Start and Stop Condition on the I2C Bus
Byte format
Every byte transferred over the SDA line must contain 8 bits. Each byte received by the STWBC86 generally is
followed by an acknowledge (ACK) bit. The MSB is transferred first. One data bit is transferred during each clock
pulse. The data on the SDA line must remain stable during the high state of each SCL clock pulse.
The device generates the ACK pulse (by pulling-down the SDA line during the acknowledge clock pulse) to
confirm the correct device address or received data bytes.
Interface protocol
The interface protocol consists of
Start condition (START)
7-bit device address (0x61) + R/W bit (read = 1 / write = 0)
Register pointer, high-byte
Register pointer, low-byte
Data sequence: N x (data byte + ACK)
Stop condition (STOP)
The register pointer (or address) byte defines the destination register to which the read or write operation applies.
When the read or write operation is finished, the register pointer is automatically incremented.
STWBC86
I2C interface
DS14079 - Rev 1
page 12/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com