Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBC86 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STWBC86
Description  Qi compatible wireless power transmitter for 5W applications with integrated full bridge
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC86 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STWBC86 Datasheet HTML 5Page - STMicroelectronics STWBC86 Datasheet HTML 6Page - STMicroelectronics STWBC86 Datasheet HTML 7Page - STMicroelectronics STWBC86 Datasheet HTML 8Page - STMicroelectronics STWBC86 Datasheet HTML 9Page - STMicroelectronics STWBC86 Datasheet HTML 10Page - STMicroelectronics STWBC86 Datasheet HTML 11Page - STMicroelectronics STWBC86 Datasheet HTML 12Page - STMicroelectronics STWBC86 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
5
Device description
5.1
Wireless power interface
Wireless charging system diagram is shown below. The key blocks are Inverter (Power conversion unit),
Communications and Control unit.
The Tx is responsible for controlling the transmitting coil and transferring the correct amount of power requested
by the Rx.
The Rx modulates the power signal using resistive and capacitive load to communicate to the Tx requested power
level.
Transferring the correct amount of power ensures the highest level of end to-end efficiency due to reduced energy
losses. It also helps maintaining a lower operational temperature.
The Tx can adapt to the amount of energy transferred by the coil by adjusting the frequency, duty cycle of the
PWM voltage on the transmitting coil.
Figure 3. Wireless charging system
5.2
Inverter
The power transmitter design uses a Full bridge inverter to drive the primary coil and series capacitance. The
power transmitted to the coil is regulated by varying switching frequency and/or duty cycle of the bridge.
A higher operating frequency (for example 200kHz) leads to lower transmitted power, while a lower frequency (for
example 110kHz) leads to higher transmitted power.
The LC resonant circuit optimization to be done based on power transfer requirements.
Full bridge inverter circuit is shown below.
STWBC86
Device description
DS14079 - Rev 1
page 9/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com