Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBC86 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STWBC86
Description  Qi compatible wireless power transmitter for 5W applications with integrated full bridge
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC86 Datasheet(HTML) 2 Page - STMicroelectronics

  STWBC86 Datasheet HTML 1Page - STMicroelectronics STWBC86 Datasheet HTML 2Page - STMicroelectronics STWBC86 Datasheet HTML 3Page - STMicroelectronics STWBC86 Datasheet HTML 4Page - STMicroelectronics STWBC86 Datasheet HTML 5Page - STMicroelectronics STWBC86 Datasheet HTML 6Page - STMicroelectronics STWBC86 Datasheet HTML 7Page - STMicroelectronics STWBC86 Datasheet HTML 8Page - STMicroelectronics STWBC86 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
1
Introduction
STWBC86 is primarily a wireless power transmitter that provides up to 5W of power.
It offers the most flexible and efficient solution for controlling the power transfer to a receiver (RX) in applications
such as smart phones, smart wearable, hearable devices that use electromagnetic induction for recharging.
The 32-bit core MCU is the supervisor of the whole device and manages all the functional blocks to
establish and maintain communication with the receiver,
optimize the efficiency by properly adjusting the operating point
guarantee reliability by monitoring and protecting both the load and the device itself.
The Tx is responsible for controlling the transmitting coil and generating correct amount of power requested by
the Rx.
Transferring a correct amount of power ensures the highest level of end to-end efficiency due to reduced energy
losses. It also helps maintaining a lower operational temperature.
The I2C interface provides access to the internal registers of the STWBC86 for applications in which the host
system directly monitors or controls the power transfer.
The Tx can adapt to the amount of energy transferred by the coil by adjusting the frequency, duty cycle of the
PWM voltage on the transmitting coil.
The power transmitter firmware is placed in ROM and is able to operate fully autonomously. This firmware is
patchable with 8kB on-board FTP.
STWBC86 comes with a current limit and over-temperature protections to ensure safety of the device.
Figure below shows a block diagram of the device with simplified interconnections among the functional blocks.
The inverter converts the DC input voltage into an AC voltage, which is used to drive the coil. The four switches
of the inverter (essentially an H-bridge) are controlled by the digital core in order to minimize both conduction and
switching losses.
Two bootstrap capacitors are externally connected to the BOOT1-BOOT2 pins to correctly drive the high-side
switches of the inverter.
VIN power supply is also the input rail for auxiliary linear regulators in charge of deriving the 5 V and 1.8 V supply
voltages.
STWBC86
Introduction
DS14079 - Rev 1
page 2/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com