Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

89HPES8T5 Datasheet (PDF) - Renesas Technology Corp

89HPES8T5 Datasheet PDF - Renesas Technology Corp
Part # 89HPES8T5
Download  89HPES8T5 Download
File Size   744.02 Kbytes
Page   32 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Lane 5-Port PCI Express® Switch

89HPES8T5 Datasheet (PDF)

Go To PDF Page Download Datasheet
89HPES8T5 Datasheet PDF - Renesas Technology Corp

Part # 89HPES8T5
Download  89HPES8T5 Click to download

File Size   744.02 Kbytes
Page   32 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Lane 5-Port PCI Express® Switch

89HPES8T5 Datasheet (HTML) - Renesas Technology Corp


89HPES8T5 Product details

Features
◆ High Performance PCI Express Switch
– Eight 2.5 Gbps PCI Express lanes
– Five switch ports
– Upstream port is x4
– Downstream ports are x1
– Low-latency cut-through switch architecture
– Support for Max Payload Size up to 256 bytes
– One virtual channel
– Eight traffic classes
– PCI Express Base Specification Revision 1.1 compliant
◆ Flexible Architecture with Numerous Configuration Options
– Automatic lane reversal on all ports
– Automatic polarity inversion on all lanes
– Ability to load device configuration from serial EEPROM
◆ Legacy Support
– PCI compatible INTx emulation
– Bus locking
◆ Highly Integrated Solution
– Requires no external components
– Incorporates on-chip internal memory for packet buffering and
queueing
– Integrates eight 2.5 Gbps embedded SerDes with 8B/10B
encoder/decoder (no separate transceivers needed)
◆ Reliability, Availability, and Serviceability (RAS) Features
– Supports ECRC and Advanced Error Reporting
– Internal end-to-end parity protection on all TLPs ensures data
integrity even in systems that do not implement end-to-end
CRC (ECRC)
– Supports PCI Express Native Hot-Plug, Hot-Swap capable I/O
– Compatible with Hot-Plug I/O expanders used on PC and
server motherboards
◆ Power Management
– Utilizes advanced low-power design techniques to achieve low
typical power consumption
– Supports PCI Power Management Interface specification
(PCI-PM 1.1)
• Supports device power management states: D0, D3hot and
D3cold
– Unused SerDes are disabled




Similar Part No. - 89HPES8T5

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES8T5 IDT-89HPES8T5 Datasheet
535Kb / 31P
Low-latency cut-through switch architecture
89HPES8T5A IDT-89HPES8T5A Datasheet
462Kb / 29P
8-Lane 5-Port PCI Express Switch
logo
Renesas Technology Corp
89HPES8T5A RENESAS-89HPES8T5A Datasheet
469Kb / 30P
8-Lane 5-Port PCI Express® Switch
June 18, 2014
logo
Integrated Device Techn...
89HPES8T5AZABC IDT-89HPES8T5AZABC Datasheet
462Kb / 29P
8-Lane 5-Port PCI Express Switch
89HPES8T5AZABCG IDT-89HPES8T5AZABCG Datasheet
462Kb / 29P
8-Lane 5-Port PCI Express Switch
More results


Similar Description - 89HPES8T5

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89PES5T5 IDT-89PES5T5 Datasheet
437Kb / 26P
5-Lane 5-Port PCI Express Switch
89HPES8T5A IDT-89HPES8T5A Datasheet
462Kb / 29P
8-Lane 5-Port PCI Express Switch
logo
Renesas Technology Corp
PES32T8 RENESAS-PES32T8 Datasheet
1Mb / 38P
32-Lane 8-Port PCI Express® Switch
March 25, 2008
PES8NT2 RENESAS-PES8NT2 Datasheet
1Mb / 29P
8-Lane 2-Port Non-Transparent PCI Express® Switch
January 5, 2009
89HPES4T4 RENESAS-89HPES4T4 Datasheet
559Kb / 31P
4-Lane 4-Port PCI Express® Switch
June 12, 2014
89HPES6T5 RENESAS-89HPES6T5 Datasheet
470Kb / 29P
6-Lane 5-Port PCI Express® Switch
June 18, 2014
89HPES8T5A RENESAS-89HPES8T5A Datasheet
469Kb / 30P
8-Lane 5-Port PCI Express® Switch
June 18, 2014
89HPES16T7 RENESAS-89HPES16T7 Datasheet
951Kb / 34P
16-Lane 7-Port PCI Express® Switch
March 25, 2008
89HPES32H8 RENESAS-89HPES32H8 Datasheet
655Kb / 41P
32-Lane 8-Port PCI Express® System Interconnect Switch
October 3, 2011
89HPES34H16 RENESAS-89HPES34H16 Datasheet
611Kb / 46P
34-Lane 16-Port PCI Express® Switch
October 3, 2011
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com