Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84427CMLF Datasheet (PDF) - Renesas Technology Corp

84427CMLF Datasheet PDF - Renesas Technology Corp
Part # 84427CMLF
Download  84427CMLF Download
File Size   400.8 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Crystal-to-LVDS Integrated Frequency Synthesizer/Fanout Buffer

84427CMLF Datasheet (PDF)

Go To PDF Page Download Datasheet
84427CMLF Datasheet PDF - Renesas Technology Corp

Part # 84427CMLF
Download  84427CMLF Click to download

File Size   400.8 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Crystal-to-LVDS Integrated Frequency Synthesizer/Fanout Buffer

84427CMLF Datasheet (HTML) - Renesas Technology Corp


84427CMLF Product details

FEATURES
• Six LVDS outputs
• Crystal oscillator interface
• Output frequency range: 77.76MHz to 625MHz
• Crystal input frequency: 19.44MHz, 25MHz or 25.5MHz
• RMS phase jitter at 155.52MHz, using a 19.44MHz crystal
(12kHz to 20MHz): 3.4ps (typical)
Phase noise:
Offset Noise Power
100Hz ..................-95 dBc/Hz
1kHz ................-110 dBc/Hz
10kHz ................-120 dBc/Hz
100kHz ................-121 dBc/Hz
• 3.3V supply voltage
• 0°C to 70°C ambient operating temperature
• Available in lead-free RoHS-compliant package




Similar Part No. - 84427CMLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
84427CMLF IDT-84427CMLF Datasheet
198Kb / 16P
Crystal-to-LVDS Integrated Frequency Synthesizer/Fanout Buffer
84427CMLFT IDT-84427CMLFT Datasheet
198Kb / 16P
Crystal-to-LVDS Integrated Frequency Synthesizer/Fanout Buffer
More results


Similar Description - 84427CMLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84427 ICST-ICS84427 Datasheet
132Kb / 13P
CRYSTAL-TO-LVDS INTEGRATED FREQUENCY SYNTHESIZER/FANOUT BUFFER
REV. D NOVEMBER 30, 2005
ICS844246 ICST-ICS844246 Datasheet
187Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844256 ICST-ICS844256 Datasheet
213Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
logo
Integrated Device Techn...
ICS844246 IDT-ICS844246 Datasheet
981Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844246I IDT-ICS844246I Datasheet
415Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844256 IDT-ICS844256 Datasheet
1Mb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
84427 IDT-84427 Datasheet
198Kb / 16P
Crystal-to-LVDS Integrated Frequency Synthesizer/Fanout Buffer
logo
Renesas Technology Corp
ICS844246D RENESAS-ICS844246D Datasheet
1Mb / 19P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer w/Integrated Fanout Buffer
OCTOBER 20, 2011
ICS844246DI RENESAS-ICS844246DI Datasheet
471Kb / 21P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer w/Integrated Fanout Buffer
NOVEMBER 28, 2012
ICS844256DI RENESAS-ICS844256DI Datasheet
1Mb / 19P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer w/Integrated Fanout Buffer
AUGUST 5, 2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com