Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87946AYILF Datasheet (PDF) - Renesas Technology Corp

87946AYILF Datasheet PDF - Renesas Technology Corp
Part # 87946AYILF
Download  87946AYILF Download
File Size   334.11 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1-to-10 Low Skew, 1, 2 LVCMOS/LVTTL 3.3V Fanout Buffer

87946AYILF Datasheet (PDF)

Go To PDF Page Download Datasheet
87946AYILF Datasheet PDF - Renesas Technology Corp

Part # 87946AYILF
Download  87946AYILF Click to download

File Size   334.11 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1-to-10 Low Skew, 1, 2 LVCMOS/LVTTL 3.3V Fanout Buffer

87946AYILF Datasheet (HTML) - Renesas Technology Corp


87946AYILF Product details

Features
• Ten single-ended LVCMOS outputs, 7 typical output impedance
• Selectable CLK0 and CLK1 LVCMOS clock inputs
• CLK0 and CLK1 can accept the following input levels:
LVCMOS and LVTTL
• Maximum input/output frequency: 150MHz
• Output skew: 350ps (maximum)
• 3.3V input, 3.3V outputs
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package
• For drop-in replacement use 87946i-147




Similar Part No. - 87946AYILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
87946AYI-01LF RENESAS-87946AYI-01LF Datasheet
438Kb / 16P
1-to-10 Low Skew, 1, 2 LVCMOS/LVTTL 2.5V, 3.3V Fanout Buffer
September 20, 2016
87946AYI-01LFT RENESAS-87946AYI-01LFT Datasheet
438Kb / 16P
1-to-10 Low Skew, 1, 2 LVCMOS/LVTTL 2.5V, 3.3V Fanout Buffer
September 20, 2016
logo
Integrated Device Techn...
87946AYI-147LF IDT-87946AYI-147LF Datasheet
211Kb / 14P
1-to-10 Low Skew, LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
87946AYI-147LF RENESAS-87946AYI-147LF Datasheet
411Kb / 15P
1-to-10 Low Skew, 1, 2 LVCMOS/LVTTL 2.5V, 3.3V Fanout Buffer
September 19, 2016
87946AYI-147LF/W RENESAS-87946AYI-147LF/W Datasheet
411Kb / 15P
1-to-10 Low Skew, 1, 2 LVCMOS/LVTTL 2.5V, 3.3V Fanout Buffer
September 19, 2016
More results


Similar Description - 87946AYILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8302 ICST-ICS8302 Datasheet
133Kb / 9P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 15, 2004
ICS8535-21 ICST-ICS8535-21 Datasheet
226Kb / 14P
LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO-3.3V LVPECL FANOUT BUFFER
REV. A OCTOBER 20, 2004
ICS8302I ICST-ICS8302I Datasheet
100Kb / 9P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
REV. A February 20, 2009
logo
Pericom Semiconductor C...
PI6C49X0202 PERICOM-PI6C49X0202 Datasheet
944Kb / 7P
Low Skew, 1-To-2 LVCMOS / LVTTL Fanout Buffer
logo
Integrated Device Techn...
ICS83026I-01 IDT-ICS83026I-01_10 Datasheet
346Kb / 15P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
87946I-147 IDT-87946I-147 Datasheet
211Kb / 14P
1-to-10 Low Skew, LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
8302I RENESAS-8302I Datasheet
250Kb / 11P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
March 4, 2016
83026I-01 RENESAS-83026I-01 Datasheet
372Kb / 16P
Low Skew, 1-to-2 Differential-to-LVCMOS/LVTTL Fanout Buffer
December 15, 2015
87946I-01 RENESAS-87946I-01 Datasheet
438Kb / 16P
1-to-10 Low Skew, 1, 2 LVCMOS/LVTTL 2.5V, 3.3V Fanout Buffer
September 20, 2016
87946I-147 RENESAS-87946I-147 Datasheet
411Kb / 15P
1-to-10 Low Skew, 1, 2 LVCMOS/LVTTL 2.5V, 3.3V Fanout Buffer
September 19, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com