Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCN Datasheet (PDF) - Kemet Corporation

SCN Datasheet PDF - Kemet Corporation
Part # SCN
Download  SCN Download
File Size   1107.01 Kbytes
Page   11 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Dual Mode SCN-XV Coils, Automotive Grade

SCN Datasheet (PDF)

Go To PDF Page Download Datasheet
SCN Datasheet PDF - Kemet Corporation

Part # SCN
Download  SCN Click to download

File Size   1107.01 Kbytes
Page   11 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Dual Mode SCN-XV Coils, Automotive Grade

SCN Datasheet (HTML) - Kemet Corporation


SCN Product details

Overview
The KEMET SCN-XV coils are dual mode chokes with a
wide variety of characteristics for automotive and industrial
application, especially suitable for harsh environment
situations. These hybrid coils combine the two functions
of normal mode countermeasure and common mode
noise suppression in just one coil. Reducing the number
of required products ensures cost savings and space
efficiency. Our proprietary ferrite core material 7HT provides
optimized solutions for high-temperature requirements, and
in addition displays high Bs characteristics, and are useful
in various noise countermeasure fields.

Benefits
• Proprietary 7HT ferrite material
• High rated voltage up to 1,000 V AC/DC
• Operating temperature range from −40°C up to +150°C
• High permeability
• High impedance
• UL 94 V–0 flame retardant rated base and cap
• AEC-Q200 qualified

Applications
• On board charger for EV/PHEV
• Wireless charging systems with 85 kHz
• Medium power drives for steering, air conditioning
and mild hybrid 48 V systems
• High voltage automotive and harsh environment
industrial EMI filtering




Similar Part No. - SCN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCN-001T-1.0K ETC2-SCN-001T-1.0K Datasheet
232Kb / 8P
Crimping tools and machines
SCN-001T-P1.0 ETC2-SCN-001T-P1.0 Datasheet
232Kb / 8P
Crimping tools and machines
logo
SHINMEI ELECTRIC CO., L...
SCN-1308-2 SHINMEI-SCN-1308-2 Datasheet
108Kb / 3P
IC card connectors
logo
Honeywell Accelerometer...
SCN-1428SC HONEYWELL-ACC-SCN-1428SC Datasheet
173Kb / 2P
Ultrasonic Distance Sensors
logo
SHINMEI ELECTRIC CO., L...
SCN-1608AU SHINMEI-SCN-1608AU Datasheet
108Kb / 3P
IC card connectors
More results


Similar Description - SCN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL20DNF06LAG STMICROELECTRONICS-STL20DNF06LAG Datasheet
972Kb / 15P
Automotive-grade dual N-channel 60 V
September 2015 Rev 1
logo
TDK Electronics
CGA4J2X7R1H104K125AM TDK-CGA4J2X7R1H104K125AM Datasheet
140Kb / 1P
Automotive Grade ( Open Mode )
CGA4J2X8R1H473K125AM TDK-CGA4J2X8R1H473K125AM Datasheet
138Kb / 1P
Automotive Grade ( Open Mode )
CGA4J2X8R1H683K125AM TDK-CGA4J2X8R1H683K125AM Datasheet
138Kb / 1P
Automotive Grade ( Open Mode )
logo
Kemet Corporation
VM474MK801R014P050 KEMET-VM474MK801R014P050 Datasheet
983Kb / 12P
VM Series Dual Function Automotive Grade 125째C
SCN35XV-100-1R4A015JH KEMET-SCN35XV-100-1R4A015JH Datasheet
1Mb / 11P
Dual Mode SCN-XV Coils, Automotive Grade
2/18/2022
logo
Eaton All Rights Reserv...
ACE1V2012 EATON-ACE1V2012 Datasheet
1Mb / 6P
Automotive grade common-mode chip inductor
October 2020
ACE1V3225 EATON-ACE1V3225 Datasheet
2Mb / 5P
Automotive grade common-mode chip inductor
June 2021
ACE1V4532 EATON-ACE1V4532 Datasheet
1Mb / 5P
Automotive grade common-mode chip inductor
November 2019
ACE2V3225 EATON-ACE2V3225 Datasheet
910Kb / 5P
Automotive grade common-mode chip inductor
October 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com