Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCN Datasheet(PDF) 5 Page - Kemet Corporation

Part # SCN
Description  Dual Mode SCN-XV Coils, Automotive Grade
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SCN Datasheet(HTML) 5 Page - Kemet Corporation

  SCN Datasheet HTML 1Page - Kemet Corporation SCN Datasheet HTML 2Page - Kemet Corporation SCN Datasheet HTML 3Page - Kemet Corporation SCN Datasheet HTML 4Page - Kemet Corporation SCN Datasheet HTML 5Page - Kemet Corporation SCN Datasheet HTML 6Page - Kemet Corporation SCN Datasheet HTML 7Page - Kemet Corporation SCN Datasheet HTML 8Page - Kemet Corporation SCN Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
LF0083_SCN-XV • 2/18/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
AC Line Filters – Dual Mode SCN-XV Coils, Automotive Grade
Performance Characteristics
Item
Performance Characteristics
Rated Voltage
1,000 VAC/VDC
Withstanding Voltage
2,400 VAC (2 seconds, between lines)
Insulation Resistance
> 100 MΩ at 1,000 VDC (between lines)
Rated Current Range
10 – 19 A
Rated Inductance Range
0.38 – 2.7 mH ±30%
Inductance Measurement Condition
100 kHz
Operating Temperature Range
−40°C to +150°C (include self temperature rise)
Table 1 – Ratings & Part Number Reference
Part Number
Rated Voltage
AC/DC
(V)
Rated
Current
(A)
Inductance
(Common) (mH)
±30%
Inductance
(Normal) (μH)
Typical
DC Resistance/
Line (mΩ)
±13%
Temperature
Rise (K)
Maximum
Wire
Diameter
(mm)
Weight (g)
Approximate
SCN35XV-100-1R4A015JH
1,000
10
2.70
13.9
11.10
55
1.4
81.9
SCN35XV-110-1R5A014JH
1,000
11
2.35
12.2
8.95
50
1.5
84.7
SCN35XV-120-1R6A012JH
1,000
12
1.73
9.8
6.85
50
1.6
83.8
SCN35XV-140-1R7A010JH
1,000
14
1.20
7.5
5.05
55
1.7
82.4
SCN35XV-170-1R9A008JH
1,000
17
0.77
4.8
3.25
55
1.9
82.8
SCN35SXV-110-1R4A015JH
1,000
11
1.35
11.1
7.78
60
1.4
49.6
SCN35SXV-120-1R5A014JH
1,000
12
1.18
9.5
6.36
55
1.5
51.1
SCN35SXV-130-1R6A012JH
1,000
13
0.86
7.6
4.85
50
1.6
50.5
SCN35SXV-150-1R7A010JH
1,000
15
0.60
5.8
3.52
55
1.7
49.6
SCN35SXV-190-1R9A008JH
1,000
19
0.38
3.7
2.36
55
1.9
50.0
Frequency Characteristics
SCN35XV-100-1R4A015JH
Common Mode
Normal Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com