Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCN Datasheet(PDF) 2 Page - Kemet Corporation

Part # SCN
Description  Dual Mode SCN-XV Coils, Automotive Grade
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SCN Datasheet(HTML) 2 Page - Kemet Corporation

  SCN Datasheet HTML 1Page - Kemet Corporation SCN Datasheet HTML 2Page - Kemet Corporation SCN Datasheet HTML 3Page - Kemet Corporation SCN Datasheet HTML 4Page - Kemet Corporation SCN Datasheet HTML 5Page - Kemet Corporation SCN Datasheet HTML 6Page - Kemet Corporation SCN Datasheet HTML 7Page - Kemet Corporation SCN Datasheet HTML 8Page - Kemet Corporation SCN Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
LF0083_SCN-XV • 2/18/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
AC Line Filters – Dual Mode SCN-XV Coils, Automotive Grade
Part Number System
SCN
35XV-
100-
1R4
A
015
JH
Series
Dimension Code
(See Dimensions)
Rated Current
(A)
Wire Diameter
(mm)
Windings
Number of Turns
Terminal Base Type
SCN
35XV
35SXV
xxx- = xx.x A
Examples:
100 = 10.0 A
190 = 19.0 A
R = Decimal point
Examples:
1R4 = 1.4 mm
1R9 = 1.9 mm
A = Single
00x = x turns
0xx = xx turns
Examples:
008 = 8 turns
015 = 15 turns
JH = Horizontal type
Dimensions – Millimeters
1
N
2
N
b
a1
a2
a2
a1
bb
b
H
L
T
OD
OD
Figure 1
Part Name
Dimensions
(mm)
Pin Pitch1
(Reference)
Figure
OD
(Maximum)
T
(Maximum)
H
(Maximum)
L
a1
a2
b
SCN35XV
43.5
34.5
32.0
3.50 ±0.5
25.0
20.0
32.0
Fig. 1
SCN35SXV
43.5
34.5
22.5
3.50 ±0.5
25.0
20.0
32.0
Fig. 1
1
Pin pitch listed above for reference only. Values not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com