Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA230161 Datasheet (PDF) - Renesas Technology Corp

RAA230161 Datasheet PDF - Renesas Technology Corp
Part # RAA230161
Download  RAA230161 Download
File Size   1675.58 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 24V Input, USB Voltage Supply for Power Delivery

RAA230161 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA230161 Datasheet PDF - Renesas Technology Corp

Part # RAA230161
Download  RAA230161 Click to download

File Size   1675.58 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 24V Input, USB Voltage Supply for Power Delivery

RAA230161 Datasheet (HTML) - Renesas Technology Corp


RAA230161 Product details

Description
RAA230161 (USB Voltage Supply) is the power supply IC for the power supply application with USB power delivery.
This IC provide 5.3V to 20V power supply. Power MOSFETs are included and maximum output power is 60W (20V,
3A). Various protection circuits are included to design safe system easily. The output voltage can be selected by I2C and
the IC status can be monitored. The design of the power supply system with USB power delivery become easy by this
IC.

Features
 DC/DC  Protection circuit
Synchronous rectification type step-down DC/DC Over voltage protection (Latch type)
Input voltage range : 21.6V to 26.4V (Typ.24V) Over current protection (Latch type)
Output voltage : 5.3V, 9.15V, 12.1V, 15.1V, 20V
(Set by I2C)
Over temperature protection (Latch type)
165°C (typ.)
Maximum output current : 3A Short circuit protection (Latch type)
Output current setting : 0.5A, 1A, 1.5A, 2A, 2.5A, 3A Under voltage lockout circuit
Switching frequency : 500kHz (fixed) Watch dog timer (Monitoring by I2C)
Integrated soft start
Integrated Power MOSFET  Package
Integrated discharge circuit 20-pin HTSSOP
Integrated phase compensator




Similar Part No. - RAA230161

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA230121 RENESAS-RAA230121 Datasheet
1Mb / 28P
16V Input, 3A, Step-Down DC/DC Converter
RAA230122 RENESAS-RAA230122 Datasheet
1Mb / 28P
16V Input, 3A, Step-Down DC/DC Converter
RAA230123 RENESAS-RAA230123 Datasheet
1Mb / 28P
16V Input, 3A, Step-Down DC/DC Converter
RAA23012X RENESAS-RAA23012X Datasheet
1Mb / 28P
16V Input, 3A, Step-Down DC/DC Converter
RAA230131 RENESAS-RAA230131 Datasheet
1Mb / 28P
16V Input, 3A, Step-Down DC/DC Converter
More results


Similar Description - RAA230161

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UPD1001 MICROCHIP-UPD1001 Datasheet
478Kb / 42P
USB Power Delivery Controller
03/25/14
UPD1002 MICROCHIP-UPD1002 Datasheet
490Kb / 46P
USB Power Delivery Controller
03/25/14
logo
Dialog Semiconductor
IW656 DIALOG-IW656 Datasheet
498Kb / 8P
USB Power Delivery Controller for AC/DC Power Adapters
IW656P DIALOG-IW656P Datasheet
553Kb / 8P
USB Power Delivery 3.0 Controller
logo
SHENZHEN FUMAN ELECTRON...
XPD545 FUMAN-XPD545 Datasheet
820Kb / 11P
USB Power Delivery Controller
XPD618A FUMAN-XPD618A Datasheet
659Kb / 7P
USB Power Delivery Controller
XPD636A FUMAN-XPD636A Datasheet
683Kb / 7P
USB Power Delivery Controller
logo
Monolithic Power System...
MEZD71202A MPS-MEZD71202A Datasheet
455Kb / 2P
4.5V - 24V Input, 2A, DC/DC Power Supply
logo
STMicroelectronics
STPD01 STMICROELECTRONICS-STPD01 Datasheet
2Mb / 43P
Programmable buck converter for USB power delivery
Rev 1 - October 2020
logo
ON Semiconductor
FUSB3317 ONSEMI-FUSB3317 Datasheet
495Kb / 16P
Automotive USB Power Delivery Source Controller for USB-C
May, 2022-Rev. 0
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com