Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2741L2 Datasheet (PDF) - Bel Fuse Inc.

2741L2 Datasheet PDF - Bel Fuse Inc.
Part # 2741L2
Download  2741L2 Download
File Size   48.37 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description HIGH FREQUENCY MAGNETICS Specialty Through Hole Shielded Transformer

2741L2 Datasheet (PDF)

Go To PDF Page Download Datasheet
2741L2 Datasheet PDF - Bel Fuse Inc.

Part # 2741L2
Download  2741L2 Click to download

File Size   48.37 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description HIGH FREQUENCY MAGNETICS Specialty Through Hole Shielded Transformer

2741L2 Datasheet (HTML) - Bel Fuse Inc.


2741L2 Product details

HIGH FREQUENCY MAGNETICS Specialty Through Hole Shielded Transformer

• Operates as a high frequency pulse transformer in telecom switching systems at various signaling rates
• Interwinding Electrostatic Shield provides low capacitance and high EMI suppression
• Electrical equivalents: 2664A and 2779D
• Operating temperature range: -40° C to +85° C
• Meets IEC 695, 2-2 flammability requirements
• PWB Process Capability: standard printed wiring board assembly techniques, total-immersion cleaning
• Reliability testing: shock, vibration, temperature cycling, temperature - humidity - bias




Similar Part No. - 2741L2

ManufacturerPart #DatasheetDescription
logo
Heyco.
2741 HEYCO-2741 Datasheet
105Kb / 1P
Dome Plugs
logo
Kemet Corporation
2741 KEMET-2741 Datasheet
739Kb / 4P
For voltage balancing and/or discharge of electrolytic capacitors
logo
Presto International UK...
27410 PRESTO-27410 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
27411 PRESTO-27411 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
PHOENIX CONTACT
2741134 PHOENIX-2741134 Datasheet
46Kb / 2P
Mounting plate, short
More results


Similar Description - 2741L2

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2664G BEL-2664G Datasheet
42Kb / 2P
HIGH FREQUENCY MAGNETICS Specialty Through Hole Transformer
2741E2 BEL-2741E2 Datasheet
39Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformer
2741J BEL-2741J Datasheet
56Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformer
2741N2 BEL-2741N2 Datasheet
47Kb / 2P
HIGH FREQUENCY MAGNETICS Specialty Through Hole Shielded Transformer
2741P2 BEL-2741P2 Datasheet
41Kb / 2P
HIGH FREQUENCY MAGNETICS Specialty Through Hole Shielded Transformer
2745AK2 BEL-2745AK2 Datasheet
27Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Shielded Transformer
2745R2 BEL-2745R2 Datasheet
45Kb / 2P
HIGH FREQUENCY MAGNETICS Specialty Through Hole Transformer
2779A BEL-2779A Datasheet
52Kb / 2P
HIGH FREQUENCY MAGNETICS Specialty Surface Mount Shielded Transformer
2779D BEL-2779D Datasheet
55Kb / 2P
HIGH FREQUENCY MAGNETICS Specialty Surface Mount Shielded Transformer
2745AH BEL-2745AH Datasheet
43Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformer
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com