Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2779A Datasheet (PDF) - Bel Fuse Inc.

2779A Datasheet PDF - Bel Fuse Inc.
Part # 2779A
Download  2779A Download
File Size   52.38 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description HIGH FREQUENCY MAGNETICS Specialty Surface Mount Shielded Transformer

2779A Datasheet (PDF)

Go To PDF Page Download Datasheet
2779A Datasheet PDF - Bel Fuse Inc.

Part # 2779A
Download  2779A Click to download

File Size   52.38 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description HIGH FREQUENCY MAGNETICS Specialty Surface Mount Shielded Transformer

2779A Datasheet (HTML) - Bel Fuse Inc.




Similar Part No. - 2779A

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2779 KR-2779 Datasheet
49Kb / 2P
Bandpass Filter
logo
Heyco.
2779 HEYCO-2779 Datasheet
136Kb / 1P
Halogen and Phosphorus-Free 94V-0 Hole Plugs
2779 HEYCO-2779 Datasheet
128Kb / 1P
Nylon Knock Out Seals and Thick Panel Knock Out Seals
logo
Adafruit Industries
2779 ADAFRUIT-2779 Datasheet
154Kb / 2P
PiTFT Pibow Kit for Pi 2 / B / Pi 3
logo
Kemet Corporation
2779 KEMET-2779 Datasheet
739Kb / 4P
For voltage balancing and/or discharge of electrolytic capacitors
More results


Similar Description - 2779A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2664G BEL-2664G Datasheet
42Kb / 2P
HIGH FREQUENCY MAGNETICS Specialty Through Hole Transformer
2741L2 BEL-2741L2 Datasheet
48Kb / 2P
HIGH FREQUENCY MAGNETICS Specialty Through Hole Shielded Transformer
2741N2 BEL-2741N2 Datasheet
47Kb / 2P
HIGH FREQUENCY MAGNETICS Specialty Through Hole Shielded Transformer
2741P2 BEL-2741P2 Datasheet
41Kb / 2P
HIGH FREQUENCY MAGNETICS Specialty Through Hole Shielded Transformer
2745R2 BEL-2745R2 Datasheet
45Kb / 2P
HIGH FREQUENCY MAGNETICS Specialty Through Hole Transformer
2771G BEL-2771G Datasheet
44Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Surface Mount Transformer
2779D BEL-2779D Datasheet
55Kb / 2P
HIGH FREQUENCY MAGNETICS Specialty Surface Mount Shielded Transformer
S553-6500-96 BEL-S553-6500-96 Datasheet
54Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Dual Surface Mount Transformer
S553-6500-B1 BEL-S553-6500-B1 Datasheet
67Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Dual Surface Mount Transformer
S553-6500-C9 BEL-S553-6500-C9 Datasheet
69Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Dual Surface Mount Transformer
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com