Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA457 Datasheet (PDF) - Renesas Technology Corp

HA457 Datasheet PDF - Renesas Technology Corp
Part # HA457
Download  HA457 Download
File Size   794.68 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch

HA457 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA457 Datasheet PDF - Renesas Technology Corp

Part # HA457
Download  HA457 Click to download

File Size   794.68 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch

HA457 Datasheet (HTML) - Renesas Technology Corp


HA457 Product details

Features
• Pin Compatible, Cable Driving Upgrade for HA456 and
MAX456
• Fully Buffered Inputs and Outputs (AV = +2)
• Routes Any Input Channel to Any Output Channel
• Switches Standard and High Resolution Video Signals
• Serial or Parallel Digital Interface
• Expandable for Larger Switch Matrices
• Wide Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . 95MHz
• High Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . 275V/s
• Low Crosstalk at 10MHz . . . . . . . . . . . . . . . . . . . . . -55dB
Applications
• Video Switching and Routing
• Security and Video Editing Systems




Similar Part No. - HA457

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA457 INTERSIL-HA457 Datasheet
175Kb / 14P
95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch
August 1999
HA457CM INTERSIL-HA457CM Datasheet
175Kb / 14P
95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch
August 1999
HA457CN INTERSIL-HA457CN Datasheet
175Kb / 14P
95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch
August 1999
More results


Similar Description - HA457

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8108 AD-AD8108 Datasheet
434Kb / 28P
325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV.0
logo
Intersil Corporation
HA457 INTERSIL-HA457 Datasheet
175Kb / 14P
95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch
August 1999
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
8 x 8 Video Crosspoint Switch
Rev 2; 2/94
logo
Vishay Siliconix
DG884 VISHAY-DG884 Datasheet
154Kb / 14P
8 x 4 Wideband Video Crosspoint Array
20-Dec-04
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Vishay Siliconix
DG884 VISHAY-DG884_08 Datasheet
192Kb / 14P
8 x 4 Wideband Video Crosspoint Array
25-Jun-07
logo
Texas Instruments
SN65LVCP408 TI-SN65LVCP408 Datasheet
1Mb / 25P
Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Vitesse Semiconductor C...
VSC3308 VITESSE-VSC3308 Datasheet
906Kb / 2P
11.5 Gbps 8 x 8 Crosspoint Switch
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Analog Devices
ADV3228 AD-ADV3228 Datasheet
559Kb / 24P
750 MHz, 8 x 8 Analog Crosspoint Switch
REV. A
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com