Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA457 Datasheet (PDF) - Intersil Corporation

HA457 Datasheet PDF - Intersil Corporation
Part # HA457
Download  HA457 Download
File Size   175.3 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch

HA457 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA457 Datasheet PDF - Intersil Corporation

Part # HA457
Download  HA457 Click to download

File Size   175.3 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch

HA457 Datasheet (HTML) - Intersil Corporation


HA457 Product details

The HA457 is an 8 x 8 video crosspoint switch suitable for high performance video systems. Its high level of integration significantly reduces component count, board space, and cost. The crosspoint switch contains a digitally controlled matrix of 64 fully buffered switches that connect eight video input signals to any, or all, matrix outputs. Each matrix output connects to an internal, high-speed (275V/µs), gain of two buffer capable of driving 150Ω to ±2.5V.

Features
• Pin Compatible, Cable Driving Upgrade for HA456 and MAX456
• Fully Buffered Inputs and Outputs (AV = +2)
• Routes Any Input Channel to Any Output Channel
• Switches Standard and High Resolution Video Signals
• Serial or Parallel Digital Interface
• Expandable for Larger Switch Matrices
• Wide Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . 95MHz
• High Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . 275V/µs
• Low Crosstalk at 10MHz . . . . . . . . . . . . . . . . . . . . -55dB

Applications
• Video Switching and Routing
• Security and Video Editing Systems




Similar Part No. - HA457

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA457 RENESAS-HA457 Datasheet
794Kb / 14P
95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch
August 1999
HA457CM RENESAS-HA457CM Datasheet
794Kb / 14P
95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch
August 1999
HA457CN RENESAS-HA457CN Datasheet
794Kb / 14P
95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch
August 1999
More results


Similar Description - HA457

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8108 AD-AD8108 Datasheet
434Kb / 28P
325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV.0
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
8 x 8 Video Crosspoint Switch
Rev 2; 2/94
logo
Vishay Siliconix
DG884 VISHAY-DG884 Datasheet
154Kb / 14P
8 x 4 Wideband Video Crosspoint Array
20-Dec-04
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Vishay Siliconix
DG884 VISHAY-DG884_08 Datasheet
192Kb / 14P
8 x 4 Wideband Video Crosspoint Array
25-Jun-07
logo
Texas Instruments
SN65LVCP408 TI-SN65LVCP408 Datasheet
1Mb / 25P
Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Vitesse Semiconductor C...
VSC3308 VITESSE-VSC3308 Datasheet
906Kb / 2P
11.5 Gbps 8 x 8 Crosspoint Switch
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Analog Devices
ADV3228 AD-ADV3228 Datasheet
559Kb / 24P
750 MHz, 8 x 8 Analog Crosspoint Switch
REV. A
logo
Renesas Technology Corp
HA457 RENESAS-HA457 Datasheet
794Kb / 14P
95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch
August 1999
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com