Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA5013IP Datasheet (PDF) - Renesas Technology Corp

HA5013IP Datasheet PDF - Renesas Technology Corp
Part # HA5013IP
Download  HA5013IP Download
File Size   380.3 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PC Add-On Multimedia Boards

HA5013IP Datasheet (PDF)

Go To PDF Page Download Datasheet
HA5013IP Datasheet PDF - Renesas Technology Corp

Part # HA5013IP
Download  HA5013IP Click to download

File Size   380.3 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PC Add-On Multimedia Boards

HA5013IP Datasheet (HTML) - Renesas Technology Corp


HA5013IP Product details

Triple, 125MHz Video Amplifier
The HA5013 is a low cost triple amplifier optimized for RGB
video applications and gains between 1 and 10. It is a
current feedback amplifier and thus yields less bandwidth
degradation at high closed loop gains than voltage feedback
amplifiers.
The low differential gain and phase, 0.1dB gain flatness, and
ability to drive two back terminated 75Ω cables, make this
amplifier ideal for demanding video applications.
The current feedback design allows the user to take
advantage of the amplifier’s bandwidth dependency on the
feedback resistor.
The performance of the HA5013 is very similar to the
popular Intersil HA-5020 single video amplifier.




Similar Part No. - HA5013IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5013IP INTERSIL-HA5013IP Datasheet
175Kb / 14P
Triple, 125MHz Video Amplifier
September 1998
HA5013IP INTERSIL-HA5013IP Datasheet
372Kb / 14P
Triple, 125MHz Video Amplifier
November 2004
More results


Similar Description - HA5013IP

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
3723 COOPER-3723 Datasheet
55Kb / 1P
Add-On Fuseblocks
logo
Axiomtek Co., Ltd.
AX93338 AXIOMTEK-AX93338 Datasheet
155Kb / 1P
Add-on Cards
logo
OmniVision Technologies...
OV9762 OMNIVISION-OV9762 Datasheet
1Mb / 2P
PC Multimedia
logo
HARTING Technology Grou...
09-99-000-0994 HARTING-09-99-000-0994 Datasheet
625Kb / 1P
Add-on Battery for 0990
2021-10-01
logo
Advantech Co., Ltd.
AIMB-RP10P-01A1E ADVANTECH-AIMB-RP10P-01A1E_V01 Datasheet
892Kb / 2P
Riser Cards & Add on Cards
30-Aug-2017
logo
Rohm
SPRESENSE-SENSOR-EVK-701 ROHM-SPRESENSE-SENSOR-EVK-701 Datasheet
606Kb / 7P
Sensors and Bluetooth® Add-on boards for Sony Spresense
Rev.001
logo
Digital View Ltd
416017100-3 DIGITALVIEW-416017100-3 Datasheet
658Kb / 2P
Audio 5W Add-on Board
416940020-3 DIGITALVIEW-416940020-3 Datasheet
62Kb / 2P
Audio Add-on Board
HD-1000P DIGITALVIEW-HD-1000P Datasheet
506Kb / 1P
3G/HD-SDI Video Add-on
logo
Lapp.
52220089 LAPP-52220089 Datasheet
175Kb / 2P
SKINTOP® BRUSH ADD-ON 24
03.07.2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com