Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA5013IP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HA5013IP
Description  PC Add-On Multimedia Boards
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5013IP Datasheet(HTML) 1 Page - Renesas Technology Corp

  HA5013IP Datasheet HTML 1Page - Renesas Technology Corp HA5013IP Datasheet HTML 2Page - Renesas Technology Corp HA5013IP Datasheet HTML 3Page - Renesas Technology Corp HA5013IP Datasheet HTML 4Page - Renesas Technology Corp HA5013IP Datasheet HTML 5Page - Renesas Technology Corp HA5013IP Datasheet HTML 6Page - Renesas Technology Corp HA5013IP Datasheet HTML 7Page - Renesas Technology Corp HA5013IP Datasheet HTML 8Page - Renesas Technology Corp HA5013IP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 1999, 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
HA5013
Triple, 125MHz Video Amplifier
The HA5013 is a low cost triple amplifier optimized for RGB
video applications and gains between 1 and 10. It is a
current feedback amplifier and thus yields less bandwidth
degradation at high closed loop gains than voltage feedback
amplifiers.
The low differential gain and phase, 0.1dB gain flatness, and
ability to drive two back terminated 75
Ω cables, make this
amplifier ideal for demanding video applications.
The current feedback design allows the user to take
advantage of the amplifier’s bandwidth dependency on the
feedback resistor.
The performance of the HA5013 is very similar to the
popular Intersil HA-5020 single video amplifier.
Pinout
HA5013
(PDIP, SOIC)
TOP VIEW
Features
• Wide Unity Gain Bandwidth . . . . . . . . . . . . . . . . . 125MHz
• Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 475V/
µs
• Input Offset Voltage . . . . . . . . . . . . . . . . . . . . . . . . 800
µV
• Differential Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.03%
• Differential Phase. . . . . . . . . . . . . . . . . . . . . 0.03 Degrees
• Supply Current (Per Amplifier) . . . . . . . . . . . . . . . . 7.5mA
• ESD Protection. . . . . . . . . . . . . . . . . . . . . . . . . . . . 4000V
• Guaranteed Specifications at
±5V Supplies
•Low Cost
Applications
• PC Add-On Multimedia Boards
• Flash A/D Driver
• Color Image Scanners
• CCD Cameras and Systems
• RGB Cable Driver
• RGB Video Preamp
• PC Video Conferencing
NC
NC
NC
V+
+IN1
-IN1
OUT1
OUT2
-IN2
+IN2
V-
+IN3
-IN3
OUT3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
+
-
-
Part Number Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HA5013IP
-40 to 85
14 Ld PDIP
E14.3
HA5013IB
-40 to 85
14 Ld SOIC
M14.15
HA5025EVAL
High Speed Op Amp DIP Evaluation Board
Data Sheet
November 2004
FN3654.5
OBSO
LETE
PROD
UCT
NO RE
COMM
ENDE
D REP
LACE
MENT
conta
ct our
Techn
ical Su
pport
Cente
r at
1-888-
INTER
SIL or
www.i
ntersi
l.com/
tsc


Similar Part No. - HA5013IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5013IP INTERSIL-HA5013IP Datasheet
175Kb / 14P
Triple, 125MHz Video Amplifier
September 1998
HA5013IP INTERSIL-HA5013IP Datasheet
372Kb / 14P
Triple, 125MHz Video Amplifier
November 2004
More results

Similar Description - HA5013IP

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
3723 COOPER-3723 Datasheet
55Kb / 1P
Add-On Fuseblocks
logo
Axiomtek Co., Ltd.
AX93338 AXIOMTEK-AX93338 Datasheet
155Kb / 1P
Add-on Cards
logo
OmniVision Technologies...
OV9762 OMNIVISION-OV9762 Datasheet
1Mb / 2P
PC Multimedia
logo
HARTING Technology Grou...
09-99-000-0994 HARTING-09-99-000-0994 Datasheet
625Kb / 1P
Add-on Battery for 0990
2021-10-01
logo
Advantech Co., Ltd.
AIMB-RP10P-01A1E ADVANTECH-AIMB-RP10P-01A1E_V01 Datasheet
892Kb / 2P
Riser Cards & Add on Cards
30-Aug-2017
logo
Rohm
SPRESENSE-SENSOR-EVK-701 ROHM-SPRESENSE-SENSOR-EVK-701 Datasheet
606Kb / 7P
Sensors and Bluetooth® Add-on boards for Sony Spresense
Rev.001
logo
Digital View Ltd
416017100-3 DIGITALVIEW-416017100-3 Datasheet
658Kb / 2P
Audio 5W Add-on Board
416940020-3 DIGITALVIEW-416940020-3 Datasheet
62Kb / 2P
Audio Add-on Board
HD-1000P DIGITALVIEW-HD-1000P Datasheet
506Kb / 1P
3G/HD-SDI Video Add-on
logo
Lapp.
52220089 LAPP-52220089 Datasheet
175Kb / 2P
SKINTOP® BRUSH ADD-ON 24
03.07.2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com