Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA5013IP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HA5013IP
Description  PC Add-On Multimedia Boards
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5013IP Datasheet(HTML) 4 Page - Renesas Technology Corp

  HA5013IP Datasheet HTML 1Page - Renesas Technology Corp HA5013IP Datasheet HTML 2Page - Renesas Technology Corp HA5013IP Datasheet HTML 3Page - Renesas Technology Corp HA5013IP Datasheet HTML 4Page - Renesas Technology Corp HA5013IP Datasheet HTML 5Page - Renesas Technology Corp HA5013IP Datasheet HTML 6Page - Renesas Technology Corp HA5013IP Datasheet HTML 7Page - Renesas Technology Corp HA5013IP Datasheet HTML 8Page - Renesas Technology Corp HA5013IP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Full Power Bandwidth (Note 7)
B
25
-
26
-
MHz
Rise Time (Note 8)
VOUT = 1V, RL = 100Ω
B25
-
6
-
ns
Fall Time (Note 8)
VOUT = 1V, RL = 100Ω
B25
-
6
-
ns
Propagation Delay (Note 8)
VOUT = 1V, RL = 100Ω
B25
-
6
-
ns
Overshoot
B25
-
12
-
%
-3dB Bandwidth
VOUT = 100mV
B
25
-
95
-
MHz
Settling Time
To 1%, 2V Output Step
B
25
-
50
-
ns
Settling Time
To 0.25%, 2V Output Step
B
25
-
100
-
ns
Gain Flatness
5MHz
B
25
-
0.02
-
dB
20MHz
B
25
-
0.07
-
dB
AC CHARACTERISTICS AV = +10, RF = 383Ω
Slew Rate
Note 6
B
25
350
475
-
V/
µs
Full Power Bandwidth (Note 7)
B
25
28
38
-
MHz
Rise Time (Note 8)
VOUT = 1V, RL = 100Ω
B25
-
8
-
ns
Fall Time (Note 8)
VOUT = 1V, RL = 100Ω
B25
-
9
-
ns
Propagation Delay (Note 8)
VOUT = 1V, RL = 100Ω
B25
-
9
-
ns
Overshoot
B25
-
1.8
-
%
-3dB Bandwidth
VOUT = 100mV
B
25
-
65
-
MHz
Settling Time
To 1%, 2V Output Step
B
25
-
75
-
ns
To 0.1%, 2V Output Step
B
25
-
130
-
ns
VIDEO CHARACTERISTICS
Differential Gain
RL = 150Ω, (Note 10)
B
25
-
0.03
-
%
Differential Phase
RL = 150Ω, (Note 10)
B
25
-
0.03
-
Degrees
NOTES:
5. At -40oC Product is tested at VCM = ±2.25V because Short Test Duration does not allow self heating.
6. VOUT switches from -2V to +2V, or from +2V to -2V. Specification is from the 25% to 75% points.
7.
.
8. Measured from 10% to 90% points for rise/fall times; from 50% points of input and output for propagation delay.
9. A. Production Tested; B. Typical or Guaranteed Limit based on characterization; C. Design Typical for information only.
10. Measured with a VM700A video tester using an NTC-7 composite VITS.
11. At -40oC Product is tested at VOUT = ±2.25V because Short Test Duration does not allow self heating.
Electrical Specifications
VSUPPLY = ±5V, RF = 1kΩ, AV = +1, RL = 400Ω, CL ≤10pF, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
(NOTE 9)
TEST
LEVEL
TEMP.
(oC)
MIN
TYP
MAX
UNITS
FPBW
Slew Rate
2
πVPEAK
-----------------------------; VPEAK 2V
==
HA5013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com