Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5503CB Datasheet (PDF) - Renesas Technology Corp

HC5503CB Datasheet PDF - Renesas Technology Corp
Part # HC5503CB
Download  HC5503CB Download
File Size   846.47 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Cost 24V SLIC For PABX/Key Systems

HC5503CB Datasheet (PDF)

Go To PDF Page Download Datasheet
HC5503CB Datasheet PDF - Renesas Technology Corp

Part # HC5503CB
Download  HC5503CB Click to download

File Size   846.47 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Cost 24V SLIC For PABX/Key Systems

HC5503CB Datasheet (HTML) - Renesas Technology Corp


HC5503CB Product details

Features
• Wide Operating Battery Range (-21V to -44V)
• Single Additional +5V Supply
• 25mA Short Loop Current Limit
• Ring Relay Driver
• Switch Hook and Ring Trip Detect
• Low On-Hook Power Consumption
• On-Hook Transmission
• ITU-T Longitudinal Balance Performance
• Loop Power Denial Function
• Thermal Protection
• Supports Tip, Ring or Balanced Ringing Schemes
• Low Profile Surface Mount Packaging
• Pin Compatible with Industry Standard HC5504B SLIC
• Pb-free Available
Applications
• Analog Subscriber Line Interfaces in Analog Key Systems
and Digital ISDN PABX Systems
• Related Literature
- AN571, Using Ring Sync with HC-5502A and HC-5504
SLICs




Similar Part No. - HC5503CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5503CB INTERSIL-HC5503CB Datasheet
774Kb / 17P
Low Cost 24V SLIC For PABX / Key Systems
June 2004
HC5503CBZ INTERSIL-HC5503CBZ Datasheet
774Kb / 17P
Low Cost 24V SLIC For PABX / Key Systems
June 2004
HC5503CBZ96 INTERSIL-HC5503CBZ96 Datasheet
774Kb / 17P
Low Cost 24V SLIC For PABX / Key Systems
June 2004
More results


Similar Description - HC5503CB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3234 STMICROELECTRONICS-L3234 Datasheet
457Kb / 26P
HIGHLY INTEGRATED SLIC KIT TARGETED TO PABX AND KEY SYSTEM APPLICATIONS
Jan-1995
logo
Intersil Corporation
HC-5504B1 INTERSIL-HC-5504B1 Datasheet
84Kb / 9P
ITU Low Cost, PABX SLIC With 40mA Loop Feed
February 1999
HC-5524 INTERSIL-HC-5524 Datasheet
87Kb / 9P
EIA/ITU 24V PABX SLIC with 25mA Loop Feed
February 1999
HC5503 INTERSIL-HC5503 Datasheet
774Kb / 17P
Low Cost 24V SLIC For PABX / Key Systems
June 2004
logo
List of Unclassifed Man...
AG1110 ETC1-AG1110 Datasheet
437Kb / 10P
LOW COST SLIC
logo
Intersil Corporation
HC-5504B1 INTERSIL-HC-5504B1_03 Datasheet
558Kb / 10P
ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
HC5526 INTERSIL-HC5526_03 Datasheet
415Kb / 20P
ITU CO/PABX SLIC with Low Power Standby
August 2003
logo
Silver Telecom 2019
AG1110 SILVERTEL-AG1110 Datasheet
144Kb / 11P
LOW COST SLIC
logo
Renesas Technology Corp
HC5526 RENESAS-HC5526 Datasheet
993Kb / 19P
ITU CO/PABX SLIC with Low Power Standby
August 2003
HC-5504B1 RENESAS-HC-5504B1 Datasheet
578Kb / 10P
ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com