Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3234 Datasheet (PDF) - STMicroelectronics

L3234 Datasheet PDF - STMicroelectronics
Part # L3234
Download  L3234 Download
File Size   457.04 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGHLY INTEGRATED SLIC KIT TARGETED TO PABX AND KEY SYSTEM APPLICATIONS

L3234 Datasheet (PDF)

Go To PDF Page Download Datasheet
L3234 Datasheet PDF - STMicroelectronics

Part # L3234
Download  L3234 Click to download

File Size   457.04 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGHLY INTEGRATED SLIC KIT TARGETED TO PABX AND KEY SYSTEM APPLICATIONS

L3234 Datasheet (HTML) - STMicroelectronics


L3234 Product details

DESCRIPTION
The L3234/L3235 is a highly integrated SLIC KIT targeted to PABX and key system applications
The kit integrates the majority of functions required to interface a telephone line. The L3234/L3235 implements the main features of the broths function:
- Battery Feed (Balanced Mode)
- Ringing Injection
- Signalling Detection
- Hybrid Function
The Kit comprises 2 devices, the L3234 ringing injector fabricated in Bipolar in 140V Technology.

■ HIGHLY INTEGRATED SUBSCRIBER LINE INTERFACE KIT FOR PABX AND KEY SYSTEM APPLICATIONS
■ IMPLEMENTS ALL KEY ELEMENTS OF THE BORSCHT FUNCTION
■ INTEGRATED ZERO CROSSING BALANCED
■ RINGING INJECTION ELIMINATES EXTERNAL RELAY AND CENTRALISED RINGING GENERATOR
■ ZERO NOISE INJECTED ON ADJACENT LINES DURING RINGING SEQUENCE
■ LOW POWER IN STANDBY AND ACTIVE MODES
■ BATTERY FEED WITH PROGRAMMABLE LIMITING CURRENT
■ PARALLEL LATCHED DIGITAL INTERFACE
■ SIGNALLING FUNCTIONS (OFF HOOK, GND-KEY)
■ LOW NUMBER OF EXTERNAL COMPONENTS
■ INTEGRATED THERMAL PROTECTION
■ INTEGRATED OVER CURRENT PROTECTION
■ 0°C TO 70°C: L3234/L3235
■ -40°C TO 85°C: L3234T/L3235T




Similar Part No. - L3234

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
L323 CRYDOM-L323 Datasheet
585Kb / 4P
Power Modules
logo
Connor-Winfield Corpora...
L323-155.52 CONNOR-WINFIELD-L323-155.52 Datasheet
119Kb / 2P
5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
Crydom Inc.,
L323F CRYDOM-L323F Datasheet
585Kb / 4P
Power Modules
More results


Similar Description - L3234

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5502B INTERSIL-HC-5502B Datasheet
84Kb / 9P
EIA/ITU PABX SLIC with 30mA Loop Feed
February 1999
HC5503C INTERSIL-HC5503C Datasheet
60Kb / 5P
Unbalanced PBX/Key System SLIC, Subscriber Line Interface Circuit
June 1998
HC5503T INTERSIL-HC5503T Datasheet
37Kb / 5P
Balanced PBX/Key System SLIC, Subscriber Line Interface Circuit
June 1998
HC5503 INTERSIL-HC5503 Datasheet
774Kb / 17P
Low Cost 24V SLIC For PABX / Key Systems
June 2004
HC5526 INTERSIL-HC5526_03 Datasheet
415Kb / 20P
ITU CO/PABX SLIC with Low Power Standby
August 2003
HC5503T INTERSIL-HC5503T_04 Datasheet
326Kb / 6P
Balanced PBX / Key System SLIC, Subscriber Line Interface Circuit
June 2004
logo
Renesas Technology Corp
HC5503 RENESAS-HC5503 Datasheet
846Kb / 17P
Low Cost 24V SLIC For PABX/Key Systems
June 2004
HC5503T RENESAS-HC5503T Datasheet
412Kb / 6P
Balanced PBX/Key System SLIC, Subscriber Line Interface Circuit
June 2004
HC5526 RENESAS-HC5526 Datasheet
993Kb / 19P
ITU CO/PABX SLIC with Low Power Standby
August 2003
HC-5502B RENESAS-HC-5502B Datasheet
636Kb / 11P
EIA/ITU PABX SLIC with 30mA Loop Feed
August 2003
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com