Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3234 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L3234
Description  HIGHLY INTEGRATED SLIC KIT TARGETED TO PABX AND KEY SYSTEM APPLICATIONS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3234 Datasheet(HTML) 4 Page - STMicroelectronics

  L3234 Datasheet HTML 1Page - STMicroelectronics L3234 Datasheet HTML 2Page - STMicroelectronics L3234 Datasheet HTML 3Page - STMicroelectronics L3234 Datasheet HTML 4Page - STMicroelectronics L3234 Datasheet HTML 5Page - STMicroelectronics L3234 Datasheet HTML 6Page - STMicroelectronics L3234 Datasheet HTML 7Page - STMicroelectronics L3234 Datasheet HTML 8Page - STMicroelectronics L3234 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
DESCRIPTION
The L3234 is a monolithic integrated circuit which
is part of a kit of solid state devices for the sub-
scriber line interface. The L3234 sends a ringing
signal into a two wires analog telephone line in
balanced mode. The AC ringing signal amplitude
is up to 60Vrms, and for that purpose a positive
supply voltage of +100V shall be available on the
subscriber card.
The L3234 receives a low amplitude ringing sig-
nal (950mVrms) and provide the voltage/current
amplification (60Vrms/70mA) when the enable in-
put is active (CS > 2V). In disable mode (CS <
0.8V) the power consumption of the chip is very
low (<14mW).
The circuit is designed with a high voltage bipolar
technology (VCEO > 140V / VCBO > 250V).
The package is a moulded plastic power package
(Heptawatt) suitable also for surface mounting.
HEPTAWATT
BLOCK DIAGRAM
L3234
Solid State Ringing Injector
L3234 - L3235
4/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com