Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3234 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L3234
Description  HIGHLY INTEGRATED SLIC KIT TARGETED TO PABX AND KEY SYSTEM APPLICATIONS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3234 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L3234 Datasheet HTML 15Page - STMicroelectronics L3234 Datasheet HTML 16Page - STMicroelectronics L3234 Datasheet HTML 17Page - STMicroelectronics L3234 Datasheet HTML 18Page - STMicroelectronics L3234 Datasheet HTML 19Page - STMicroelectronics L3234 Datasheet HTML 20Page - STMicroelectronics L3234 Datasheet HTML 21Page - STMicroelectronics L3234 Datasheet HTML 22Page - STMicroelectronics L3234 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
ELECTRICAL CHARACTERISTICS (Test condition: refer to the test circuit of the fig. 17; VCC = 5V,
VSS = -5V, Vbat = -48V, Tamb =25
°C, unless otherwise specified)
Note: Testing of all parameters is performed at 25
°C. Characterization, as well as the design rules used
allow correlation of tested performance with actual performance at other temperatures. All pa-
rameters listed here are met in the range 0
°C to +70°C. For applications requiring operations in
the standard temperature range (0
°Cto 70°C) use L3234. If operations are required in the ex-
tended temperature range (-40
°Cto 85°C), use the L3234T.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Fig.
STAND-BY
Vls
Output Voltage at TIP/RING
pins
ILINE = 0
35.7
39
V
ILCC
Short Circuit Current
Stand-by, SBY = 1
2
3
4
mA
DC OPERATION
VlP
Output Voltage at TIP/RING
pins
ILINE =0
ILINE = 50mA
35.7
35.2
39
39
V
V
Ilim
Current Progr.
Ilim Prog. = 70mA
63
70
77
mA
Ilim
Current Progr.
8.4K
Ω <RLIM < 33KΩ
20
70
mA
IO
On-hook Threshold
5
If
Off-hook Threshold
10
Ilgk
GK Detector Threshold
10
17
Gklim
Ground Key Current
Limitation
RING to BGND
13
22
mA
Gkov
Ground Key Threshold
Overloap
Gklim-Ilgk
1
mA
Imax
Max. Output Current at
TIP/RING
Ilim = 70mA
90
140
mA
IVCC
Supply Current from VCC
Iline = 0
6.2
8
mA
IVSS
Supply Current from VSS
Iline = 0
1.6
2.1
mA
IVbat
Supply Current from Vbat
Iline = 0
2.8
3.6
mA
AC OPERATION
Ztx
Sending Output Impedance
pin 9 (Tx)
10
Ω
Zrx
Receiving Input Impedance
pin 12 (Rx)
1
M
Ω
Rl
2W Return Loss
f = 300 to 3400Hz
20
36
dB
A1
Thl
Trans Hybrid Loos
f = 300 to 3400Hz
20
36
dB
A2
Gs
Sending Gain
f = 1020Hz Il = 20mA
5.82
6.02
6.22
dB
A3
Gsf
Flatness
f = 300 to 3400Hz
-0.2
0.2
dB
Gsl
Linearity
-20dB to 10dBm
-0.2
0.2
dB
Gr
Receiving Gain
f = 1020Hz Il = 20mA
0.2
0
0.2
dB
A4
Grf
Flatness
f = 300 to 3400Hz
-0.2
0.2
dB
Grl
Linearity
-20dBm to +4dBm
-0.2
0.2
dB
Np4W
Psoph. Noise at Tx
-69
-62
dBmp
Np2W
Psoph. Noise at Line
-75
-68
dBmp
Svrr
Relative to Vbat versus Line
Terminal versus Tx Terminal
f = 1020Hz
VS = 100mVpp
-30
-24
dB
dB
A5
Svrr
Relative to Vcc and Vss
versus Line Terminal versus
Tx Terminal
f = 1020Hz
VS = 100mVpp
-20
-14
dB
dB
Ltc
L/T Conversion measured at
line Terminals
f = 300 to 3400
Iline = 20mA
49
53(*)
dB
dB
A6
Tlc
T/L Conversion Measured at
Line Terminals
f = 300 to 3400
Iline = 20mA
46(*)
dB
A7
(*) Selected parts L3235C
L3234 - L3235
19/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com