Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3234 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L3234
Description  HIGHLY INTEGRATED SLIC KIT TARGETED TO PABX AND KEY SYSTEM APPLICATIONS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3234 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L3234 Datasheet HTML 11Page - STMicroelectronics L3234 Datasheet HTML 12Page - STMicroelectronics L3234 Datasheet HTML 13Page - STMicroelectronics L3234 Datasheet HTML 14Page - STMicroelectronics L3234 Datasheet HTML 15Page - STMicroelectronics L3234 Datasheet HTML 16Page - STMicroelectronics L3234 Datasheet HTML 17Page - STMicroelectronics L3234 Datasheet HTML 18Page - STMicroelectronics L3234 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
AC characteristic
A simplified AC model of the transmission circuits
is shown in figure 15.
Where :
Vrx
is the received signal
Vtx
is the transmitted signal
Vl
is the AC transversal voltage at line terminations.
Eg
is the line open circuit AC voltage
Zl
is the line impedance
Rp
are the protection resistors
ZB
is the line impedance balancing network
ZA
is the SLIC impedance balancing network
ZAC
program the AC line termination impedance
RPC
used for external protection resistors insertion
loss compensation
Il/50
is the AC transversal current divided by 50
CAC AC feedback current decoupling
Figure 13: DC characteristic in Active Mode with two different values of limiting current (30mA and 70 mA).
Figure 14: Line current versus loop resistance with two different values of limiting current (30mA and
70mA)
L3234 - L3235
15/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com