Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3234 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L3234
Description  HIGHLY INTEGRATED SLIC KIT TARGETED TO PABX AND KEY SYSTEM APPLICATIONS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3234 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L3234 Datasheet HTML 8Page - STMicroelectronics L3234 Datasheet HTML 9Page - STMicroelectronics L3234 Datasheet HTML 10Page - STMicroelectronics L3234 Datasheet HTML 11Page - STMicroelectronics L3234 Datasheet HTML 12Page - STMicroelectronics L3234 Datasheet HTML 13Page - STMicroelectronics L3234 Datasheet HTML 14Page - STMicroelectronics L3234 Datasheet HTML 15Page - STMicroelectronics L3234 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
THERMAL DATA
Symbol
Description
Value
Unit
Rth j-amb
Thermal Resistance Junction-ambient
Max
80
°C/W
PIN DESCRIPTION
Pin
Name
Description
1Vbat
Negative Battery Supply Input.
2
RING
RING wire of 2 Wire Line Interface.
3
ZAC
Non Inverting Input of the AC Impedance Synthesis Circuit.
4
VREG
Emitter Connection for the External Transistor.
5
AGND
Analog/Digital Ground.
6
BGND
Battery Ground. This is the Reference for the Battery Voltage (note 1).
7
CAC
AC Current Feedback Input.
8
RPC
External Protection Resistors AC Transmission Compensation.
9
TX
Four Wire Transmitting Amplifier Output.
10
ZB
Non Inverting Operational Input Inserted in the Hybrid Circuit for 2W to 4W
Conversion. The Network Connected from this Pin to Ground shall be a copy
of the Line Impedance.
11
ZA
VRX Output Buffer 2W to 4W Conversion.
12
RX
High Impedance Four Wire Receiving Input.
13
VCC
Positive 5V Supply Voltage.
14
REF
Voltage Reference Output; a Resistor Connected to this pin sets the Internal
Bias Current.
15
VSS
Negative 5V Supply Voltage.
16
IL
Transversal Line Current Feedback Divided by 50.
17
VPOL
Non Inverting Operational Input to Implement DC Character.
18
BASE
Driver for External Transistor Base.
19
LIM
Voltage Reference Output; a Resistor Connected to this Pin Sets the Value of
Line Current Limitation.
20
RNG
Ringing Logic Input from Line Card Controller.
21
SBY
Stand by Logic Input (SBY = 1 Set Line Current Limitation at 3mA).
22
PU
Power u.p Logic Output for the Codec Filter. (PU = 0 means Codec Filter
Activated)
23
CS
Ring Injector Enable for L3234 Output. (CS = 1 means L3234 Ringing
Injection Enable).
24
OH
Hook Status Logic Output (OH = 0 means off hook).
25
GDK
Ground Key Status Logic Output (GDK = 0 means Ground Key on).
26
RTF
Time Constant Hook Detector Filter Input.
27
GKF
Time Constant GK Detector Filter Input.
28
TIP
Tip Wire of 2 Wire Line Interface.
Note 1:
AGND and BGND pins must be tied together at a low impedance point (e.g. at card connector level).
L3234 - L3235
12/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com