Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3234 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L3234
Description  HIGHLY INTEGRATED SLIC KIT TARGETED TO PABX AND KEY SYSTEM APPLICATIONS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3234 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L3234 Datasheet HTML 16Page - STMicroelectronics L3234 Datasheet HTML 17Page - STMicroelectronics L3234 Datasheet HTML 18Page - STMicroelectronics L3234 Datasheet HTML 19Page - STMicroelectronics L3234 Datasheet HTML 20Page - STMicroelectronics L3234 Datasheet HTML 21Page - STMicroelectronics L3234 Datasheet HTML 22Page - STMicroelectronics L3234 Datasheet HTML 23Page - STMicroelectronics L3234 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Figure 17: Test Circuit
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Fig.
DIGITAL STATIC INTERFACE
Vil
Input Voltage at Logical ”0”
Input SBY, CS1
0
0.8
V
Vih
Input Voltage at Logical ”1”
Input SBY, CS1
2
5
V
Iil
Input Current at Logical ”0”
Input SBY, CS1
10
µA
Iih
Input Current at Logical ”1”
Input SBY, CS1
10
µA
Vol
Output Voltage at Logical ”0”
Iout = 1mA
Iout =10
µA
0.5
0.4
V
V
Voh
Output Voltage at Logical ”1”
Iout =10
µA
Iout = 1mA
4
2.7
V
V
L3234 - L3235
20/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com