Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3234 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L3234
Description  HIGHLY INTEGRATED SLIC KIT TARGETED TO PABX AND KEY SYSTEM APPLICATIONS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3234 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L3234 Datasheet HTML 2Page - STMicroelectronics L3234 Datasheet HTML 3Page - STMicroelectronics L3234 Datasheet HTML 4Page - STMicroelectronics L3234 Datasheet HTML 5Page - STMicroelectronics L3234 Datasheet HTML 6Page - STMicroelectronics L3234 Datasheet HTML 7Page - STMicroelectronics L3234 Datasheet HTML 8Page - STMicroelectronics L3234 Datasheet HTML 9Page - STMicroelectronics L3234 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
5
7
RO1
RO2
OUT1
2
OUT2
CS
CO1
CO2
CS
LINE FEEDER
L3235
GND
-VBAT
TIP
RING
LINE TERMINALS
A
B
VA
RINGING INJECTOR
L3234
643
1
CA
VA
C100
CVCC
VCC
GND
V100
+5V
GND
+100V
D94TL132
Figure 3: L3234/L3235 Circuit Configuration
When the ringing function is selected by the sub-
scriber card, a low level signal is continuously ap-
plied to pin 1 through a de coupling capacitor. Then
the logical ring drive signal CS provided by L3235 is
applied to pin 2 with a cadenced mode.
The ringing cycles are synchronised by the L3234
in such a way that the ringing starts and stops al-
ways when the analog input signal crosses zero.
When the ringing injection is enabled (CS = ”1”),
an AC ringing signal is injected in a balanced
mode into the telephone line.
When the ringing injection is disabled (CS = ”0”),
the output voltage on OUT2 raises to the high
power supply, whereas on OUT1, it falls down to
ground.
The L3234 has a low output impedance when
sending the signal, and high output impedance
when the ringing signal is disabled
In fig. 4 the dynamic features of L3234 are
shown.
OPERATION DESCRIPTION
The Fig. 3 show the simplified circuit configuration
of the L3234 Solid State Ringing injector when
used with the L3235 Line Feeder.
EXTERNAL COMPONENTS LIST
In the following table are shown the recommended external components values for L3234.
Ref.
Value
Involved Parameter or Functi on
R01, R02
82
Ringing Feeding Series Resistors
C01, C02
10
µF - 160V
Ringing Feeding De coupling Capacitors
CA
4.7
µF - 10V
Low Level Ringing Signal De coupling Capacitor
C100
100nF - 100V
Positive Battery Filter
CVCC
100nF
+5V Supply Filter
L3234 - L3235
6/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com