Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3234 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L3234
Description  HIGHLY INTEGRATED SLIC KIT TARGETED TO PABX AND KEY SYSTEM APPLICATIONS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3234 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L3234 Datasheet HTML 13Page - STMicroelectronics L3234 Datasheet HTML 14Page - STMicroelectronics L3234 Datasheet HTML 15Page - STMicroelectronics L3234 Datasheet HTML 16Page - STMicroelectronics L3234 Datasheet HTML 17Page - STMicroelectronics L3234 Datasheet HTML 18Page - STMicroelectronics L3234 Datasheet HTML 19Page - STMicroelectronics L3234 Datasheet HTML 20Page - STMicroelectronics L3234 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
External components list for L3235
To set the SLIC into operation the following parameters have to be defined:
- The AC SLIC impedance at line terminals ”Zs” to which the return loss measurements is referred. It can
be real (typ. 600
Ω) or complex.
- The equivalent AC impedance of the line ”Zl” used for evaluation of the trans-hybrid loss performance
(2/4 wire conversion). It is usually a complex impedance.
- The value of the two protection resistors Rp in series with the line termination.
Once, the above parameters are defined, it is possible to calculate all the external components using the
following table. The typical values has been obtained supposing: Zs = 600
Ω; Zl = 600Ω;Rp = 50Ω
Name
Suggested Value
Function
Formula
RF
CF
39K
Ω
390nF
Delay Time
On-hook Off-hook
τ = 0.69 ⋅ CF ⋅ 39KΩ
(1)
RGF
CGF
39K
Ω
390nF
Delay Time
GK Detector
τ = 0.69 ⋅ CGF ⋅ 39KΩ
RR
51K
Ω
Bias Set
RLIM
8.4K
Ω to 33KΩ
Ext. Current Limit. Progr.
RLIM =
564
ILIM
− 3mA
CR
4.7
µF
6.3 V 30%
Negative Battery
Filter
CAC =
1
2
π ⋅ 16KΩ ⋅ fp
RP
50
Protection Resistors
47 < RP < 100
Ω (2)
RT
1M
Ω 20%
Termination Resistor
CAC
100
µF
6.3V 20%
DC/AC current feedback splitting
CAC =
1
2
π ⋅ 220Ω ⋅ fsp
RPC
2500
Ω 1%
RP insertion loss compensation
RPC =25
⋅ (2RP)
ZAC
12500
Ω 1%
2W AC Impedance programmation
ZAC =25
⋅ (ZS -2RP)
CC
220pF 20%
AC Feedback compensation
f1 = 300KHz
CC =
1
2
πf1 ⋅ 50RP
ZAS
12500
Ω 1%
Slic Impedance Balancing Net.
ZAS =25
⋅ (ZS -2RP)
RAS
2500
Ω 1%
RAS = 25
⋅ (2RP)
ZB
15KΩ 1%
Line impedance Balancing Net.
ZB =25
⋅ Zl
CH
220pF 20%
CC Transybrid loss Compensation
CH =CC
⋅
ZAC
ZAS
CTX
4.7
µF 30%
DC Decoupling Tx Output
CTX =
1
6.28
⋅ fp ⋅ Zload
D1, D2
1N4007
Line Rectifier
Text
(3)
External Transistor
PDiss > 2W, VCEO > 60V
HFE > 40, IC > 100mA
VBE < 0.8V @ 100mA
CVSS;CVDD
100nF
±5V supply filter
CVB
100nF/100V
VBAT supply filter
Notes:
1) For proper operation Cf should be selected in order to verify the following conditions:
A) cf > 150nF
B)
τ < 1/2 • fRING
fRING: Ringing signal frequency
2) For protection purposes the RP resistor is usually splitted in two part RP1 and RP2, with RP1 >30
Ω.
3) ex: BD140; MJE172; MJE350.... (SOT32 or SOT82 package available also for surface mount). For low power application (reduced battery
voltage) BCP53 (SOT223 surface mount package) can be used. Depending on application enviroment an heatsink could be necessary.
L3234 - L3235
17/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com