Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5378ABC Datasheet (PDF) - Analog Devices

AD5378ABC Datasheet PDF - Analog Devices
Part # AD5378ABC
Download  AD5378ABC Download
File Size   766.67 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC

AD5378ABC Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5378ABC Datasheet PDF - Analog Devices

Part # AD5378ABC
Download  AD5378ABC Click to download

File Size   766.67 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC

AD5378ABC Datasheet (HTML) - Analog Devices


AD5378ABC Product details

GENERAL DESCRIPTION
The AD5378 contains 32 14-bit DACs in one CSPBGA package. The AD5378 provides a bipolar output range determined by the voltages applied to the VREF(+) and VREF(−) inputs. The maximum output voltage span is 17.5 V, corresponding to a bipolar output range of −8.75 V to +8.75 V, and is achieved with reference voltages of VREF(−) = −3.5 V and VREF(+) = +5 V. The AD5378 guarantees operation over a wide VSS/VDDsupply range from ±11.4 V to ±16.5 V. The output amplifier headroom requirement is 2.5 V operating with a load current of 1.5 mA, and 2 V operating with a load current of 0.5 mA.

FEATURES
   32-channel DAC in 13 mm × 13 mm 108-lead CSPBGA
   Guaranteed monotonic to 14 bits
   Buffered voltage outputs
      Output voltage span of 3.5 V × VREF(+)
      Maximum output voltage span of 17.5 V
   System calibration function allowing user-programmable
      offset and gain
   Pseudo differential outputs relative to REFGND
   Clear function to user-defined REFGND (CLRpin)
   Simultaneous update of DAC outputs (LDACpin)
   DAC increment/decrement mode
   Channel grouping and addressing features
   Interface options
      Parallel interface
      DSP/microcontroller-compatible 3-wire serial interface
   2.5 V to 5.5 V JEDEC-compliant digital levels
   SDO daisy-chaining option
   Power-on reset
   Digital reset (RESETpin and soft reset function)

APPLICATIONS
   Level setting in automatic test equipment (ATE)
   Variable optical attenuators (VOAs)
   Optical switches
   Industrial control systems
APPLICATIONS
Level setting in automatic test equipment (ATE)
Variable optical attenuators (VOAs)
Optical switches
Industrial control systems

VCC= 2.7 V to 5.5 V; VDD= 11.4 V to 16.5 V; VSS= −11.4 V to −16.5 V; VREF(+) = +5 V; VREF(−) = −3.5 V; AGND = DGND = REFGND = 0 V; VBIAS= 5 V; CL= 200 pF to GND; RL= 11 kΩ to 3 V; gain = 1; offset = 0 V; all specifications TMINto TMAX, unless otherwise noted.




Similar Part No. - AD5378ABC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5378 AD-AD5378_15 Datasheet
582Kb / 29P
32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
REV. A
More results


Similar Description - AD5378ABC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5532 AD-AD5532 Datasheet
244Kb / 16P
32-Channel, 14-Bit Voltage-Output DAC
AD5379 AD-AD5379 Datasheet
393Kb / 28P
40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
AD5371 AD-AD5371 Datasheet
300Kb / 25P
40-Channel, 14-Bit Serial Input, Voltage-Output DAC
AD7841ASZ AD-AD7841ASZ Datasheet
442Kb / 13P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5378 AD-AD5378_15 Datasheet
582Kb / 29P
32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
REV. A
AD5379 AD-AD5379_15 Datasheet
630Kb / 29P
40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
REV. B
AD5532 AD-AD5532_15 Datasheet
394Kb / 20P
32-Channel, 14-Bit Voltage-Output DAC
REV. D
AD7841 AD-AD7841_15 Datasheet
442Kb / 13P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com