Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5378ABC Datasheet(PDF) 5 Page - Analog Devices

Part # AD5378ABC
Description  32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5378ABC Datasheet(HTML) 5 Page - Analog Devices

  AD5378ABC Datasheet HTML 1Page - Analog Devices AD5378ABC Datasheet HTML 2Page - Analog Devices AD5378ABC Datasheet HTML 3Page - Analog Devices AD5378ABC Datasheet HTML 4Page - Analog Devices AD5378ABC Datasheet HTML 5Page - Analog Devices AD5378ABC Datasheet HTML 6Page - Analog Devices AD5378ABC Datasheet HTML 7Page - Analog Devices AD5378ABC Datasheet HTML 8Page - Analog Devices AD5378ABC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Preliminary Technical Data
AD5378
Rev. PrA | Page 5 of 28
Parameter
A Version1
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VCC
2.7/5.5
V min/max
VDD
8.5/16.5
V min/max
VSS
−3/−16.5
V min/max
Power Supply Sensitivity2
∆ Full Scale/∆ VDD
−75
dB typ
∆ Full Scale/∆ VSS
−75
dB typ
∆ Full Scale/∆ VCC
−90
dB typ
ICC
5
mA max
VCC = 5.5 V, VIH = VCC, VIL = GND
IDD
28
mA max
Outputs unloaded; typically 20 mA
ISS
23
mA max
Outputs unloaded; typically 15 mA
Power Dissipation
Power Dissipation Unloaded (P)
850
mW max
VDD = 16.5 V, VSS = −16.5 V
Power Dissipation Loaded (PTOTAL)
2000
mW max
PTOTAL = P + Σ(VDD − VO) × ISOURCE + Σ(VO − VSS) × ISINK
Junction Temperature
130
°C max
TJ = TA + PTOTAL × θJ3
1 Temperature range for the A version: −40°C to +85°C. Typical specifications are at 25°C.
2 Guaranteed by design and characterization; not production tested.
3 Where
θJ represents the package thermal impedance.
AC CHARACTERISTICS
VCC = 2.7 V to 5.5 V; VDD = 11.4 V to 16.5 V; VSS = −11.4 V to −16.5 V; VREF(+) = +5 V; VREF(−) = −3.5 V;
AGND = DGND = REFGND = 0 V; VBIAS = 5 V; CL = 220 pF; RL = 11 kΩ to 3 V; gain = 1; offset = 0 V.
Table 4.
Parameter
A Version1
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Output Voltage Settling Time
20
µs typ
Full-scale change to ±1/2 LSB
30
µs max
DAC latch contents alternately loaded with all 0s and
all 1s
Slew Rate
1
V/µs typ
Digital-to-Analog Glitch Energy
20
nV-s typ
Glitch Impulse Peak Amplitude
15
mV max
Channel-to-Channel Isolation
100
dB typ
VREF(+) = 2 V p-p, (1 VBIAS) 1 kHz, VREF(−) = −1 V
DAC-to-DAC Crosstalk
40
nV-s typ
See the Terminology section; between DACs inside a
group
10
nV-s typ
Between DACs from different groups
Digital Crosstalk
0.1
nV-s typ
Digital Feedthrough
1
nV-s typ
Effect of input bus activity on DAC output under test
Output Noise Spectral Density @ 1 kHz
350
nV/(Hz)1/2 typ
VREF(+) = VREF(−) = 0 V
1 Guaranteed by design and characterization; not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com