Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5378ABC Datasheet(PDF) 21 Page - Analog Devices

Part # AD5378ABC
Description  32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5378ABC Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5378ABC Datasheet HTML 17Page - Analog Devices AD5378ABC Datasheet HTML 18Page - Analog Devices AD5378ABC Datasheet HTML 19Page - Analog Devices AD5378ABC Datasheet HTML 20Page - Analog Devices AD5378ABC Datasheet HTML 21Page - Analog Devices AD5378ABC Datasheet HTML 22Page - Analog Devices AD5378ABC Datasheet HTML 23Page - Analog Devices AD5378ABC Datasheet HTML 24Page - Analog Devices AD5378ABC Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Preliminary Technical Data
AD5378
Rev. PrA | Page 21 of 28
FIFO VS. NON-FIFO OPERATION
Data can be loaded to the AD5378 registers with FIFO disabled
or enabled. Operation with FIFO disabled is optimum for single
writes to the device. If the system requires significant data
transfers to the AD5378, however, operation with FIFO enabled
is more efficient.
When FIFO is enabled, the AD5378 uses an internal FIFO
memory to allow high speed successive writes in both serial and
parallel modes. This optimizes the interface speed and
efficiency, minimizes the total conversion time due to internal
digital efficiencies, and minimizes the overhead on the master
controller when managing the data transfers. The BUSY signal
goes low while instructions in the state machine are being
executed.
Table 11 compares operation with FIFO enabled and FIFO
disabled for different data transfers to the AD5378. Operation
with FIFO enabled is more efficient for all operations except
single write operations. When using the FIFO, the user can
continue writing new data to the AD5378 while write instruc-
tions are being executed. Up to 128 successive instructions can
be written to the FIFO at maximum speed. When the FIFO is
full, additional writes to the AD5378 are ignored.
BUSY INPUT FUNCTION
Because the BUSY pin is bidirectional and open-drain (for
correct operation, use a pull-up resistor to digital supply), a
second AD5378 or any other device (such as a system control-
ler), can pull BUSY low and, therefore, delay DAC update(s), if
required. This is a means of delaying any LDAC action. This
feature allows synchronous updates of multiple AD5378 devices
in a system at maximum speed. As soon as the last device
connected to the BUSY pin is ready, all DACs update automati-
cally. Tying the BUSY pin of multiple devices together enables
synchronous updating of all DACs without extra hardware.
POWER-ON RESET FUNCTION
The AD5378 contains a power-on reset generator and state
machine. During power-on, CLR becomes active (internally),
the power-on state machine resets all internal registers to their
default values, and BUSY goes low. This sequence takes 8 ms
(typical). The outputs, VOUT0 to VOUT31, are switched to the
externally set potential on the REFGND pin. During power-on,
the parallel interface is disabled, so it is not possible to write to
the part. Any transitions on LDAC during the power-on period
are ignored in order to reject initial LDAC pin glitching. A
rising edge on BUSY indicates that power-on is complete and
that the parallel interface is enabled. All DACs remain in their
power-on state until LDAC is used to update the DAC outputs.
RESET INPUT FUNCTION
The AD5378 can be placed into the power-on reset state at any
time by activating the RESET pin. The AD5378 state machine
initiates a reset sequence to digitally reset the x1, m, c, and x2
registers to their default power-on values. This sequence takes
95 µs (typical), 120 µs (max), and 70 µs (min). During this
sequence, BUSY goes low. While RESET is low, any transitions
on LDAC are ignored. As with the CLR input, while RESET is
low, the DAC outputs are switched to REFGND. The outputs
remain at REFGND until an LDAC pulse is applied. This reset
function can also be implemented via the parallel interface by
setting the REG0 and REG1 pins low and writing all 1s to DB13
to DB0. See Table 17 for soft reset.
INCREMENT/DECREMENT FUNCTION
The AD5378 has a special function register that enables the user
to increment or decrement the internal 14-bit input register
data (x1) in steps of 0 to 127 LSBs. The increment/decrement
function is selected by setting both REG1 and REG0 pins (or
bits) low. Address Pins (or bits) A7 to A0 are used to select a
DAC channel or group of channels. The amount by which the
x1 register is incremented or decremented is determined by the
DB6 to DB0 bits/pins. For example, for a 1 LSB increment or
decrement, DB6...DB0 = 0000001, while for a 7 LSB increment
or decrement, DB6...DB0 = 0000111. DB8 determines whether
the input register data is incremented (DB8 = 1) or decre-
mented (DB8 = 0). The maximum amount by which the user is
allowed to increment or decrement the data is 127 LSBs, that is,
DB6...DB0 = 1111111. The 0 LSB step is included to facilitate
software loops in the user’s application. See Table 16.
The AD5378 has digital overflow and underflow detection
circuitry to clamp at full scale or zero scale when the values
chosen for increment or decrement mode are out of range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com