Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5371 Datasheet (PDF) - Analog Devices

AD5371 Datasheet PDF - Analog Devices
Part # AD5371
Download  AD5371 Download
File Size   300.95 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 40-Channel, 14-Bit Serial Input, Voltage-Output DAC

AD5371 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5371 Datasheet PDF - Analog Devices

Part # AD5371
Download  AD5371 Click to download

File Size   300.95 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 40-Channel, 14-Bit Serial Input, Voltage-Output DAC

AD5371 Datasheet (HTML) - Analog Devices


AD5371 Product details

GENERAL DESCRIPTION
The AD5371 contains 40 14-bit DACs in a single 80-lead LQFP or 100-ball CSP_BGA. The device provides buffered voltage outputs with a span of 4× the reference voltage. The gain and offset of each DAC can be independently trimmed to remove errors. For even greater flexibility, the device is divided into five groups of eight DACs. Three offset DACs allow the output range of the groups to be adjusted. Group 0 can be adjusted by Offset DAC 0, Group 1 can be adjusted by Offset DAC 1, and Group 2 to Group 4 can be adjusted by Offset DAC 2. The AD5371 offers guaranteed operation over a wide supply range, with VSSfrom −16.5 V to −4.5 V and VDDfrom 9 V to 16.5 V. The output amplifier headroom requirement is 1.4 V operating with a load current of 1 mA.

FEATURES
   40-channel DAC in 80-lead LQFP and 100-ball CSP_BGA
   Guaranteed monotonic to 14 bits
   Maximum output voltage span of 4 × VREF(20 V)
   Nominal output voltage span of −4 V to +8 V
   Multiple, independent output voltage spans available
   System calibration function allowing user-programmable
      offset and gain
   Channel grouping and addressing features
   Thermal shutdown function
   DSP/microcontroller-compatible serial interface
   SPI/LVDS serial interface
   2.5 V to 5.5 V digital interface
   Digital reset (RESET)
   Clear function to user-defined SIGGNDx
   Simultaneous update of DAC outputs

APPLICATIONS
   Level setting in automatic test equipment (ATE)
   Variable optical attenuators (VOA)
   Optical switches
   Industrial control systems
   Instrumentation




Similar Part No. - AD5371

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD537 AD-AD537 Datasheet
179Kb / 8P
Integrated Circuit Voltage-to-Frequency Converter
AD537 AD-AD537 Datasheet
722Kb / 9P
Integrated Circuit Voltage-to.Frequency Converter
23-Feb-2017
AD5370 AD-AD5370 Datasheet
292Kb / 24P
40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
AD5370 AD-AD5370 Datasheet
238Kb / 12P
Evaluation Board for AD5370/AD5372/AD5373
Rev. PrC
AD5370BCPZ AD-AD5370BCPZ Datasheet
292Kb / 24P
40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
More results


Similar Description - AD5371

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5379 AD-AD5379 Datasheet
393Kb / 28P
40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
AD5360 AD-AD5360 Datasheet
284Kb / 25P
16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
AD5362 AD-AD5362 Datasheet
295Kb / 25P
8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5363 AD-AD5363_15 Datasheet
701Kb / 29P
8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD5370 AD-AD5370_15 Datasheet
652Kb / 29P
40-Channel,16-Bit, Serial Input, Voltage Output DAC
REV. 0
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5379 AD-AD5379_15 Datasheet
630Kb / 29P
40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com