Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP1015 Datasheet (PDF) - Renesas Technology Corp

HIP1015 Datasheet PDF - Renesas Technology Corp
Part # HIP1015
Download  HIP1015 Download
File Size   586.9 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Power Distribution Controllers

HIP1015 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP1015 Datasheet PDF - Renesas Technology Corp

Part # HIP1015
Download  HIP1015 Click to download

File Size   586.9 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Power Distribution Controllers

HIP1015 Datasheet (HTML) - Renesas Technology Corp


HIP1015 Product details

Features
• HOT SWAP Single Power Distribution Control (HIP1015
for 12V, HIP1016 for 5V and Low Side Switch)
• Undervoltage Monitoring and Notification
• Overcurrent Fault Isolation
• Programmable Current Regulation Level
• Programmable Current Limit Time to Latch-Off
• Rail to Rail Common Mode Input Voltage Range
(HIP1015)
• Internal Charge Pump Allows the use of N-channel
MOSFET (HIP1015)
• Undervoltage and Overcurrent Latch Indicators
• Adjustable Turn-On Ramp
• Protection During Turn On
• Two Levels of Overcurrent Detection Provide Fast
Response to Varying Fault Conditions
• Less Than 1s Response Time to Dead Short
Applications
• Power Distribution Control
• Hot Plug Components and Circuitry
• High Side Low Voltage (< +15V) Switching
• Low Side High Voltage (> +15V, Negative V) Switch




Similar Part No. - HIP1015

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
200Kb / 10P
Power Distribution Controllers
May 2000
HIP1015 INTERSIL-HIP1015 Datasheet
190Kb / 9P
Power Distribution Controllers
March 2003
HIP1015CB INTERSIL-HIP1015CB Datasheet
200Kb / 10P
Power Distribution Controllers
May 2000
HIP1015CB INTERSIL-HIP1015CB Datasheet
190Kb / 9P
Power Distribution Controllers
March 2003
HIP1015CB-T INTERSIL-HIP1015CB-T Datasheet
200Kb / 10P
Power Distribution Controllers
May 2000
More results


Similar Description - HIP1015

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
200Kb / 10P
Power Distribution Controllers
May 2000
HIP1015 INTERSIL-HIP1015_03 Datasheet
190Kb / 9P
Power Distribution Controllers
March 2003
ISL6115 INTERSIL-ISL6115_07 Datasheet
278Kb / 12P
Power Distribution Controllers
February 6, 2007
ISL6115A INTERSIL-ISL6115A Datasheet
220Kb / 10P
12V Power Distribution Controllers
February 25, 2009
ISL6115 INTERSIL-ISL6115 Datasheet
321Kb / 13P
Power Distribution Controllers
April 29, 2010
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
Power Distribution Controllers
April 29, 2010
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
Power Distribution Controllers
April 29, 2010
ISL6115AIBZ INTERSIL-ISL6115AIBZ Datasheet
336Kb / 10P
12V Power Distribution Controllers
April 23, 2010
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
ISL6115 RENESAS-ISL6115 Datasheet
716Kb / 14P
Power Distribution Controllers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com