Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP1015 Datasheet (PDF) - Intersil Corporation

HIP1015 Datasheet PDF - Intersil Corporation
Part # HIP1015
Download  HIP1015 Download
File Size   200.29 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Power Distribution Controllers

HIP1015 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP1015 Datasheet PDF - Intersil Corporation

Part # HIP1015
Download  HIP1015 Click to download

File Size   200.29 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Power Distribution Controllers

HIP1015 Datasheet (HTML) - Intersil Corporation


HIP1015 Product details

The HIP1015 and HIP1016 are hot swap power controllers. The HIP1015 is targeted for a +12V bus whereas the HIP1016 is targeted for +5V applications. Each has an undervoltage (UV) monitoring and reporting with a threshold level ~17% lower than the nominal +12V and +5V.

Features
• HOT SWAP Single Power Distribution Control (HIP1015 for 12V, HIP1016 for 5V and Low Side Switch)
• Undervoltage Monitoring and Notification
• Overcurrent Fault Isolation
• Programmable Current Regulation Level
• Programmable Current Limit Time to Latch-Off
• Rail to Rail Common Mode Input Voltage Range (HIP1015)
• Internal Charge Pump Allows the use of N-channel MOSFET (HIP1015)
• Undervoltage and Overcurrent Latch Indicators
• Adjustable Turn-On Ramp
• Protection During Turn On
• Two Levels of Overcurrent Detection Provide Fast Response to Varying Fault Conditions
• Less Than 1µs Response Time to Dead Short

Applications
• Power Distribution Control
• Hot Plug Components and Circuitry
• High Side Low Voltage (< +15V) Switching
• Low Side High Voltage (> +15V, Negative V) Switch




Similar Part No. - HIP1015

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
190Kb / 9P
Power Distribution Controllers
March 2003
logo
Renesas Technology Corp
HIP1015 RENESAS-HIP1015 Datasheet
586Kb / 9P
Power Distribution Controllers
March 2003
logo
Intersil Corporation
HIP1015CB INTERSIL-HIP1015CB Datasheet
190Kb / 9P
Power Distribution Controllers
March 2003
logo
Renesas Technology Corp
HIP1015CB RENESAS-HIP1015CB Datasheet
586Kb / 9P
Power Distribution Controllers
March 2003
logo
Intersil Corporation
HIP1015CB-T INTERSIL-HIP1015CB-T Datasheet
190Kb / 9P
Power Distribution Controllers
March 2003
More results


Similar Description - HIP1015

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015_03 Datasheet
190Kb / 9P
Power Distribution Controllers
March 2003
ISL6115 INTERSIL-ISL6115_07 Datasheet
278Kb / 12P
Power Distribution Controllers
February 6, 2007
ISL6115A INTERSIL-ISL6115A Datasheet
220Kb / 10P
12V Power Distribution Controllers
February 25, 2009
ISL6115 INTERSIL-ISL6115 Datasheet
321Kb / 13P
Power Distribution Controllers
April 29, 2010
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
Power Distribution Controllers
April 29, 2010
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
Power Distribution Controllers
April 29, 2010
ISL6115AIBZ INTERSIL-ISL6115AIBZ Datasheet
336Kb / 10P
12V Power Distribution Controllers
April 23, 2010
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
ISL6115 RENESAS-ISL6115 Datasheet
716Kb / 14P
Power Distribution Controllers
HIP1015 RENESAS-HIP1015 Datasheet
586Kb / 9P
Power Distribution Controllers
March 2003
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com