Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6115CB Datasheet (PDF) - Intersil Corporation

ISL6115CB Datasheet PDF - Intersil Corporation
Part # ISL6115CB
Download  ISL6115CB Download
File Size   319.05 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Power Distribution Controllers

ISL6115CB Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6115CB Datasheet PDF - Intersil Corporation

Part # ISL6115CB
Download  ISL6115CB Click to download

File Size   319.05 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Power Distribution Controllers

ISL6115CB Datasheet (HTML) - Intersil Corporation


ISL6115CB Product details

This family of fully featured hot swap power controllers
targets applications in the +2.5V to +12V range. The
ISL6115 is for +12V control, the ISL6116 for +5V, the
ISL6117 for +3.3V and the ISL6120 for +2.5V control
applications. Each has a hard wired undervoltage (UV)
monitoring and reporting threshold level approximately
80% of the aforementioned voltage.
The ISL6115 has an integrated charge pump allowing
control of up to +16V rails using an external N-Channel
MOSFET whereas the other devices utilize the +12V
bias voltage to fully enhance the N-Channel pass FET.
All ICs feature programmable overcurrent (OC)
detection, current regulation (CR) with time delay to
latch-off and soft-start.
The current regulation level is set by 2 external
resistors; RISET sets the CR Vth and the other is a low
ohmic sense element across, which the CR Vth is
developed. The CR duration is set by an external
capacitor on the CTIM pin, which is charged with a
20µA current once the CR Vth level is reached. If the
voltage on the CTIM capacitor reaches 1.9V the IC then
quickly pulls down the GATE output latching off the
pass FET.
This family although designed for high side switch
control the ISL6116, ISL6117, ISL6120 can also be
used in a low side configuration for control of much
higher voltage potentials.

Features
• HOT SWAP Single Power Distribution Control
(ISL6115 for +12V, ISL6116 for +5V, ISL6117 for
+3.3V and ISL6120 for +2.5V)
• Overcurrent Fault Isolation
• Programmable Current Regulation Level
• Programmable Current Regulation Time to
Latch-Off
• Rail-to-Rail Common Mode Input Voltage Range
(ISL6115)
• Internal Charge Pump Allows the Use of N-Channel
MOSFET for +12V Control (ISL6115)
• Undervoltage and Overcurrent Latch Indicators
• Adjustable Turn-On Ramp
• Protection During Turn-On
• Two Levels of Overcurrent Detection Provide Fast
Response to Varying Fault Conditions
• 1µs Response Time to Dead Short
• Pb-Free Available (RoHS Compliant)

Applications
• Power Distribution Control
• Hot Plug Components and Circuit




Similar Part No. - ISL6115CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6115CB INTERSIL-ISL6115CB Datasheet
278Kb / 12P
Power Distribution Controllers
February 6, 2007
ISL6115CB INTERSIL-ISL6115CB Datasheet
321Kb / 13P
Power Distribution Controllers
April 29, 2010
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
Power Distribution Controllers
April 29, 2010
ISL6115CBZA INTERSIL-ISL6115CBZA Datasheet
278Kb / 12P
Power Distribution Controllers
February 6, 2007
ISL6115CBZA INTERSIL-ISL6115CBZA Datasheet
321Kb / 13P
Power Distribution Controllers
April 29, 2010
More results


Similar Description - ISL6115CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
200Kb / 10P
Power Distribution Controllers
May 2000
HIP1015 INTERSIL-HIP1015_03 Datasheet
190Kb / 9P
Power Distribution Controllers
March 2003
ISL6115 INTERSIL-ISL6115_07 Datasheet
278Kb / 12P
Power Distribution Controllers
February 6, 2007
ISL6115A INTERSIL-ISL6115A Datasheet
220Kb / 10P
12V Power Distribution Controllers
February 25, 2009
ISL6115 INTERSIL-ISL6115 Datasheet
321Kb / 13P
Power Distribution Controllers
April 29, 2010
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
Power Distribution Controllers
April 29, 2010
ISL6115AIBZ INTERSIL-ISL6115AIBZ Datasheet
336Kb / 10P
12V Power Distribution Controllers
April 23, 2010
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
ISL6115 RENESAS-ISL6115 Datasheet
716Kb / 14P
Power Distribution Controllers
HIP1015 RENESAS-HIP1015 Datasheet
586Kb / 9P
Power Distribution Controllers
March 2003
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com