Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAQ806 Datasheet (PDF) - NXP Semiconductors

BAQ806 Datasheet PDF - NXP Semiconductors
Part # BAQ806
Download  BAQ806 Download
File Size   74.63 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description AM PIN diode

BAQ806 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAQ806 Datasheet PDF - NXP Semiconductors

Part # BAQ806
Download  BAQ806 Click to download

File Size   74.63 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description AM PIN diode

BAQ806 Datasheet (HTML) - NXP Semiconductors


BAQ806 Product details

DESCRIPTION

DO-214AC surface mountable package with glass passivated chip. The well-defined void-free case is of a transfer-moulded thermo-setting plastic.



FEATURES

• Glass passivated

• High maximum operating temperature

• Low leakage current

• Excellent stability

• UL 94V-O classified plastic package

• Shipped in 12 mm embossed tape.



APPLICATIONS

• RF attenuator with low distortion for frequencies above 100 kHz.



 




Similar Part No. - BAQ806

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAQ800 PHILIPS-BAQ800 Datasheet
93Kb / 12P
AM PIN diode
1997 Aug 26
More results


Similar Description - BAQ806

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA423A PHILIPS-BA423A Datasheet
31Kb / 4P
AM band-switching diode
1996 Mar 13
BA423AL PHILIPS-BA423AL Datasheet
29Kb / 4P
AM band-switching diode
1996 Mar 13
BAQ800 PHILIPS-BAQ800 Datasheet
93Kb / 12P
AM PIN diode
1997 Aug 26
BB130 PHILIPS-BB130 Datasheet
29Kb / 4P
AM variable capacitance diode
1996 May 03
BB212 PHILIPS-BB212 Datasheet
47Kb / 6P
AM variable capacitance double diode
1996 May 03
logo
Sanyo Semicon Device
SVC253 SANYO-SVC253 Datasheet
45Kb / 2P
Varactor Diode for AM Up-Conversion
logo
List of Unclassifed Man...
LA1050 ETC-LA1050 Datasheet
67Kb / 2P
AM RADIO DIODE
logo
Sanyo Semicon Device
DPA05 SANYO-DPA05 Datasheet
46Kb / 2P
PIN Diode for FM/AM Electronic Tuning AGC Drive Use
logo
Guangdong Kexin Industr...
HVR100 KEXIN-HVR100 Datasheet
33Kb / 1P
Variable Capacitance Diode for AM tuner
logo
Zhaoxingwei Electronics...
HVR100 ZHAOXINGWEI-HVR100 Datasheet
44Kb / 1P
Variable Capacitance Diode for AM tuner
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com