Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDTP9165 Datasheet (PDF) - Renesas Technology Corp

IDTP9165 Datasheet PDF - Renesas Technology Corp
Part # IDTP9165
Download  IDTP9165 Download
File Size   3608.32 Kbytes
Page   92 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Multi Channel PMIC for Tablet PCs

IDTP9165 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDTP9165 Datasheet PDF - Renesas Technology Corp

Part # IDTP9165
Download  IDTP9165 Click to download

File Size   3608.32 Kbytes
Page   92 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Multi Channel PMIC for Tablet PCs

IDTP9165 Datasheet (HTML) - Renesas Technology Corp


IDTP9165 Product details

Features
 Operates from a 2.7V to 5.25V supply
 Five programmable, current-mode, step-down
converters
- Dynamic voltage scaling (12.5mV steps)
- Automatic PWM/PFM transition at light load
- 0.75V to 3.3V software programmable output
voltage range
- Two converters with 1.5A output current
- One converter with 5A output current
- One 10A or two 5A output current converters
- Remote voltage sensing
- Support for external power modules to increase
DCD1 rail output current up to 20A
 11 programmable general purpose LDOs
- Eight 200mA, and three 160mA capable LDOs
- DCD0 or DCD1 Tracking LDO
- 1.0V to 5.25V input voltage range
- 0.75V to 3.3V software programmable output
voltage range
- Always-on LDO for RTC with coin cell/SuperCap
charging capability
 Low power RTC module
- Counts seconds, minutes, hours, day, date, month
and year
 10-bit ADC
 Host interface and system management
- Interrupt controller with mask-able interrupts,
- Reset function
- Power good monitoring
- Programmable sequencing of output rails
 High speed I2C interface, 3.4Mbit/s
 Eight programmable GPIOs
 84-lead 7mm x 7mm x 0.8mm dual-row QFN package

Description
IDTP9165 is a programmable, multiple channel power management IC
(PMIC). It includes 5 integrated, synchronous, step-down DC/DC
regulators (DCD0a, DCD0b, DCD1 through DCD3), 11 LDOs (LDO0
through LDO9, and LDOTR), a Real Time Clock (RTC), a 10-bit ADC,,
eight GPIOs (GPIO0 through GPIO7), and a high speed I2C interface (I2C
bus address: 0x4F). The product is ideal for Tablet PCs and other multi
rail applications and is specifically designed to support the power
management requirements of quad-core processor platforms.
The PMIC DC/DC regulators can support the output current requirements
for the CPU (DCD0) and SOC (DCD1) of the application processor with
up to 10A and 5A, respectively. The output voltages are programmable
from 0.7V to 1.5V.
DCD0 can be configured as a dual-phase, step-down regulator or as two
single-phase regulators (DCD0a and DCD0b). Both DCD0 and DCD1
offer remote sensing of the rail voltage and dynamic voltage scaling (DVS)
in 12.5mV steps. The DVS set output voltage slew rate is software
adjustable. Furthermore, DCD1 supports the addition of external power
modules (IDTP9167) to increase the output current to over 20A.
There are two step-down regulators (DCD2, DCD3) with output currents
of up to 1.5A. Those regulators are output voltage software adjustable in
12.5mV steps. All step down switching regulators are current-mode
controlled with a switching frequency of 2.1MHz.
Also integrated in the IDTP9165 are 11 software programmable LDOs
with a wide output voltage range and with output currents capabilities up
to 280mA. All LDOs are low noise, high PSRR, and low dropout
regulators.
The output voltages of all regulators as well as device sequencing can be
software programmable by writing to volatile registers through the I2C
interface (Default address: 0x4F) or permanently programmed by OTP
(One Time Programmable fuse cells). The PMIC operates from a single
2.7V to 5.25V supply. Additionally, the device has an internal high voltage
regulator to supply the ONKEY button and RTC circuitry. This feature
allows the complete shutdown of the pre-regulator in a dual-cell or triplecell battery system, thus increasing the battery life of the tablet.
IDTP9165 also provides a dedicated pin to sequence the DDR memory
power supply.
The package for the IDTP9165 is a 7mm x 7mm, 84 lead, dual row QFN
package. Operation through the commercial temperature range -40°C to
+85°C is guaranteed.




Similar Part No. - IDTP9165

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDTP9167 RENESAS-IDTP9167 Datasheet
861Kb / 19P
5.5A Distributed Power Unit
January 28, 2014 1
More results


Similar Description - IDTP9165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65642 TI-TPS65642 Datasheet
3Mb / 70P
LCD Bias with Integrated Gamma Reference for Notebook PCs, Tablet PCs and Monitors
TPS65642A TI1-TPS65642A Datasheet
3Mb / 77P
LCD Bias With Integrated Gamma Reference for Notebook PCs, Tablet PCs and Monitors
logo
List of Unclassifed Man...
AXP223 ETC2-AXP223 Datasheet
2Mb / 56P
PMIC Optimized For Multi-Core High-Performance System
logo
Texas Instruments
LP8555 TI1-LP8555 Datasheet
1Mb / 64P
LP8555 High-Efficiency LED Backlight Driver for Tablet PCs
logo
Dialog Semiconductor
DA9068 DIALOG-DA9068 Datasheet
2Mb / 179P
System PMIC for Multi-Core Application Processors
logo
Shenzhen X-Powers Techn...
AXP288 XPOWER-AXP288_14 Datasheet
4Mb / 110P
PMIC Optimized For Multi-Core High-Performance System
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
Programmable PMIC for Battery-Powered Systems
logo
Nuvoton Technology Corp...
NAU8325 NUVOTON-NAU8325 Datasheet
1Mb / 57P
Notebooks / Tablet PCs
logo
Renesas Technology Corp
DA9068 RENESAS-DA9068 Datasheet
2Mb / 185P
System PMIC for Multi-Core Application Processors
21-Feb-2022
logo
Silicon Mitus, Inc.
SM4807C SILICONMITUS-SM4807C Datasheet
136Kb / 1P
Multi-Channel PMIC for TFT LCD TV Applications
October 2021 Rev. 1.0.0
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com