Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDTP9167 Datasheet (PDF) - Renesas Technology Corp

IDTP9167 Datasheet PDF - Renesas Technology Corp
Part # IDTP9167
Download  IDTP9167 Download
File Size   861.56 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5.5A Distributed Power Unit

IDTP9167 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDTP9167 Datasheet PDF - Renesas Technology Corp

Part # IDTP9167
Download  IDTP9167 Click to download

File Size   861.56 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5.5A Distributed Power Unit

IDTP9167 Datasheet (HTML) - Renesas Technology Corp


IDTP9167 Product details

Features
 Dual supply input:
PVIN = 5.6V to 12.6V (main power supply)
VSYS = 5V (10mA system supply)
 Output voltage compliance:
0.75V to 1.55V
0.75V to 3.6V (for PVIN = 12V only)
 Peak output current up to 5.5A
 Switching frequency: 2MHz
 Support for up to 4 DPUs supplying the same rail
 Multiphase output: up to 5 phases configured
automatically depending on number of devices
 2-wire digital bus interface for device configuration,
control and status exchange with host PMIC
 -40°C to +85°C operating temperature range
 12-ld 4mm x 3mm x 0.85mm DFN package

Description
IDTP9167 is a power management device used in conjunction
with the IDTP9165 PMIC to either increase the output current
capability of existing Buck regulator rails, or implement extra
output rails when connected to the PMIC’s controller interface.
The device works as a controlled current source that supplies
current to the load above what the host PMIC can deliver on its
own. Up to four IDTP9167s may be used in parallel to provide an
additional 22A of peak load current capability.
A high-speed 2-wire digital bus connects the IDTP9165 to the
IDTP9167 DPUs to provide control and exchange status
information. The device seamlessly integrates into the PMIC ecosystem and is transparent from a user point of view.
The IDTP9167 comes in a 4mm x 3mm, 12-ld DFN package. It is
guaranteed to operate over the industrial temperature range of
-40°C to +85°C.




Similar Part No. - IDTP9167

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDTP9165 RENESAS-IDTP9165 Datasheet
3Mb / 92P
Programmable Multi Channel PMIC for Tablet PCs
January 27, 2014
More results


Similar Description - IDTP9167

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS450-3 EMERSON-NETWORKPOWER-DS450-3 Datasheet
180Kb / 3P
Distributed Power System
DS450DC-3 EMERSON-NETWORKPOWER-DS450DC-3 Datasheet
613Kb / 4P
Distributed Power System
DS1200 EMERSON-NETWORKPOWER-DS1200 Datasheet
644Kb / 4P
Distributed Power System
DS1300-3 EMERSON-NETWORKPOWER-DS1300-3 Datasheet
274Kb / 4P
Distributed Power System
logo
Gamewell-FCI by Honeywe...
DIU GAMEWELL-FCI-DIU Datasheet
104Kb / 1P
Distributed Intelligent Unit
logo
Lineage Power Corporati...
JAW075F1 LINEAGEPOWER-JAW075F1 Datasheet
524Kb / 16P
Distributed power architectures
logo
Artesyn Technologies
DS1200-3 ARTESYN-DS1200-3 Datasheet
1Mb / 5P
Distributed Power System
logo
Rohm
RF6C055BC ROHM-RF6C055BC Datasheet
2Mb / 14P
Pch -20V -5.5A Middle Power MOSFET
RF4L055GN ROHM-RF4L055GN Datasheet
2Mb / 13P
Nch 60V 5.5A Power MOSFET
logo
Shenzhen Huazhimei Semi...
HM1593 HMSEMI-HM1593 Datasheet
984Kb / 7P
Distributed Power Systems
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com